Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6461CS Datasheet(PDF) 17 Page - Micro Linear Corporation

Part # ML6461CS
Description  CCIR656 NTSC Video Encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6461CS Datasheet(HTML) 17 Page - Micro Linear Corporation

Back Button ML6461CS Datasheet HTML 13Page - Micro Linear Corporation ML6461CS Datasheet HTML 14Page - Micro Linear Corporation ML6461CS Datasheet HTML 15Page - Micro Linear Corporation ML6461CS Datasheet HTML 16Page - Micro Linear Corporation ML6461CS Datasheet HTML 17Page - Micro Linear Corporation ML6461CS Datasheet HTML 18Page - Micro Linear Corporation ML6461CS Datasheet HTML 19Page - Micro Linear Corporation ML6461CS Datasheet HTML 20Page - Micro Linear Corporation ML6461CS Datasheet HTML 21Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
ML6461
17
Figure 9. Chroma Bandlimit Filter: Stopband (FIR Filter)
Figure 10. Chroma Bandlimit Filter: Passband (FIR Filter)
Figure 11. Reconstruction Filter: Stopband (Normalized)
Figure 12. Reconstruction Filter: Passband (Normalized)
10
0
–10
–20
–30
–40
–50
–60
INPUT FREQUENCY (MHz)
02
7
5
13
6
4
INPUT FREQUENCY (MHz)
0
1.5
12
0.5
1
0
–1
–2
–3
–4
0.25
1.75
1.25
0.75
INPUT FREQUENCY (MHz)
110
25
515
30
20
10
0
–10
–20
–30
–40
–50
–60
ANALOG RECONSTRUCTION FILTER
DIGITAL FIR FILTER
TOTAL FILTER AND BUFFER RESPONSE
1
0
–1
–2
–3
–4
–5
–6
INPUT FREQUENCY (MHz)
02
7
5
13
6
4
TOTAL FILTER AND BUFFER RESPONSE
DIGITAL FIR FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com