Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6461CS Datasheet(PDF) 19 Page - Micro Linear Corporation

Part # ML6461CS
Description  CCIR656 NTSC Video Encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6461CS Datasheet(HTML) 19 Page - Micro Linear Corporation

Back Button ML6461CS Datasheet HTML 15Page - Micro Linear Corporation ML6461CS Datasheet HTML 16Page - Micro Linear Corporation ML6461CS Datasheet HTML 17Page - Micro Linear Corporation ML6461CS Datasheet HTML 18Page - Micro Linear Corporation ML6461CS Datasheet HTML 19Page - Micro Linear Corporation ML6461CS Datasheet HTML 20Page - Micro Linear Corporation ML6461CS Datasheet HTML 21Page - Micro Linear Corporation ML6461CS Datasheet HTML 22Page - Micro Linear Corporation ML6461CS Datasheet HTML 23Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
ML6461
19
FUNCTIONAL DESCRIPTION (Continued)
selects between internal (B26=1) and external slave
modes (B26=0).
SELCCIR, B27 This bit determines the frequency of
choice between CCIR656 clock rate(27MHz) and Square
Pixel clock rate (24.54MHz). When this bit is set (B27=1),
CCIR656 clock rate is selected. When this bit is cleared
(B27=0), the Square Pixel clock rate is selected.
SLAVE_MODE, B26 This bit determines the choice of
two slave modes: internal slave mode or external slave
mode. In internal slave mode (B26=1), horizontal and
vertical timing information is embedded in the YCrCb
data (via SAV / EAV codes); while the HSYNC and
VSYNC pins can be used as outputs. In external slave
mode (B26=0), horizontal and vertical sync pulses must
be provided for timing and synchronization;in this case
HSYNC and VSYNC pins are inputs. See Table 3.
HRESET_MODE, B25 This bit determines whether the
HSYNC is given at the beginning of active video (B25=1)
or HSYNC is given at the beginning of blanking (B25=0).
This bit (B25) is only available for external slave modes.
ANALOG_HBLANK, B24 This bit determines whether
the ML6461 is to encode for ITU_R656_compliant
"digital" or ITU_/SMPTE_compliant "analog" encoding
specifications. When this bit is cleared (B24=0), the
ML6461 is optimized for full "digital" line encoding,
where the number of active pixels is 720 for CCIR656
rates and 640 for square pixel rates. No tapering (edge
Figure 13. Closed Caption on Line 21 and Line 284.
BLANK
LEVEL
SYNC
LEVEL
S
T
A
R
T
A0 ~ A6
A8 ~ A14
A7
A15
LINE 21
50 ±2 IRE
3.58MHz
COLOR
BURST
7 CYCLES
40 IRE
10.003
±0.25µs
27.382µs
33.764µs
10.5
±0.25µs
12.91µs
TWO: 7 BIT + PARITY BIT
Closed Caption on Line21
[CC_21 = 1 and CC_284 = 0]
BLANK
LEVEL
SYNC
LEVEL
S
T
A
R
T
A0 ~ A6
A8 ~ A14
A7
A15
LINE 284
50 ±2 IRE
3.58MHz
COLOR
BURST
7 CYCLES
40 IRE
10.003
±0.25µs
27.382µs
33.764µs
10.5
±0.25µs
12.91µs
TWO: 7 BIT + PARITY BIT
Closed Caption on Line284
[CC_21 = 0 and CC_284 = 1]
BLANK
LEVEL
SYNC
LEVEL
S
T
A
R
T
A0 ~ A6
A8 ~ A14
A7
A15
LINE 21
50 ±2 IRE
3.58MHz
COLOR
BURST
7 CYCLES
40 IRE
10.003
±0.25µs
27.382µs
33.764µs
10.5
±0.25µs
12.91µs
TWO: 7 BIT + PARITY BIT
Closed Caption on Line21 and Line 284
[CC_21 = 1 and CC_284 = 1]
BLANK
LEVEL
SYNC
LEVEL
S
T
A
R
T
A16 ~ A22
A24 ~ A30
A23
A31
LINE 284
50 ±2 IRE
3.58MHz
COLOR
BURST
7 CYCLES
40 IRE
10.003
±0.25µs
27.382µs
33.764µs
10.5
±0.25µs
12.91µs
TWO: 7 BIT + PARITY BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com