Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6461CS Datasheet(PDF) 24 Page - Micro Linear Corporation

Part # ML6461CS
Description  CCIR656 NTSC Video Encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6461CS Datasheet(HTML) 24 Page - Micro Linear Corporation

Back Button ML6461CS Datasheet HTML 20Page - Micro Linear Corporation ML6461CS Datasheet HTML 21Page - Micro Linear Corporation ML6461CS Datasheet HTML 22Page - Micro Linear Corporation ML6461CS Datasheet HTML 23Page - Micro Linear Corporation ML6461CS Datasheet HTML 24Page - Micro Linear Corporation ML6461CS Datasheet HTML 25Page - Micro Linear Corporation ML6461CS Datasheet HTML 26Page - Micro Linear Corporation ML6461CS Datasheet HTML 27Page - Micro Linear Corporation ML6461CS Datasheet HTML 28Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
ML6461
24
MODE
PRESET1
PRESET0
CC
CNTR
A
0
0
XX
XXXXXXXX
B
0
1
XX
09080209
C
1
0
XX
1C080209
D
1
1
XX
11080209
X = don't care
Mode Description
Mode A: All register contents are programmed through serial interface.
Mode B: Master mode, CCIR656 rate, analog blanking.
Mode C: Slave mode, SAV and EAV codes, CCIR656 rate, digital blanking.
Mode D: Slave mode, external sync at start of line, Square pixel rate, analog blanking
Table 8. Preset Modes and Register Values
PRESET PIN CONTROL
The ML6461 can be controlled by a pair of preset mode
pins. These pins do not allow access to all of the
programmable features of the ML6461, but are intended to
provide a simpler interface for most applications. Refer to
Table 8 for preset modes.
SERIAL BUS OPERATION
The serial bus control in the ML6461 has two levels of
addressing: Device Addressing and Functional Addressing.
Device Addressing: Figures 15, 16, and 17 show the
physical waveforms generated in order to address the
ML6461. There are six basic parts of the waveform:
1. Start Indication: Clock Cycle 0
2. Device Address Shifted in: Clock Cycle 1 through 8
3. Device Address Strobed and Decoded: Clock Cycle 9
4. Function Address Shifted in: Clock Cycle 10 through 17
5. Function Address Strobed and Decoded: Clock Cycle 18
6. Data Shifted in 8 bits at a time, MSB first: Clock
Cycle 19 through 26
7. Data Shifted: Clock Cycle 27
8. Repeat strep 6 & 7 until all data is clocked in.
9. Stop indication: After Last Clock Cycle
(54 for CC, 54 for CNTR)
Note: data at SDATA is ignored at steps 3, 5, and 7.
Device & Function Addressing: Figures 15, 16, an17
show the register address procedure of the ML6461.
FUNCTIONAL DESCRIPTION (Continued)
Device Address (8 bit)
1011 0100 (Hex = B4)
Function Address (8 bit)
Closed Caption Data Registers (CC): 0000 0000 (Hex = 00)
Control Registers (CNTR): 0000 0011 (Hex = 03)
Number of Data Bits
Closed Caption Data Registers (CC): 4 x 8 bits
Control Registers (CNTR): 4 x 8 bits
CONTROL REGISTER DEFAULT SETTINGS
At Power up, the ML6461 default settings are as follows:
Control Register is undefined when the serial
bus mode is enabled.
Chip is ready to process video
Preset Pins are available and if used will
configure the control register.
Must write logic “0” (zero) to A30 to get
video
To get black at power up will require logic “1” in A30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com