Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6461CS Datasheet(PDF) 30 Page - Micro Linear Corporation

Part # ML6461CS
Description  CCIR656 NTSC Video Encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6461CS Datasheet(HTML) 30 Page - Micro Linear Corporation

Back Button ML6461CS Datasheet HTML 22Page - Micro Linear Corporation ML6461CS Datasheet HTML 23Page - Micro Linear Corporation ML6461CS Datasheet HTML 24Page - Micro Linear Corporation ML6461CS Datasheet HTML 25Page - Micro Linear Corporation ML6461CS Datasheet HTML 26Page - Micro Linear Corporation ML6461CS Datasheet HTML 27Page - Micro Linear Corporation ML6461CS Datasheet HTML 28Page - Micro Linear Corporation ML6461CS Datasheet HTML 29Page - Micro Linear Corporation ML6461CS Datasheet HTML 30Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
ML6461
3
0
DS6461-01
PHYSICAL DIMENSIONS inches (millimeters)
2092 Concourse Drive
San Jose, CA 95131
Tel: (408) 433-5200
Fax: (408) 432-0295
www.microlinear.com
SEATING PLANE
0.291 - 0.301
(7.39 - 7.65)
PIN 1 ID
0.398 - 0.412
(10.11 - 10.47)
0.699 - 0.713
(17.75 - 18.11)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.022 - 0.042
(0.56 - 1.07)
0.095 - 0.107
(2.41 - 2.72)
0.005 - 0.013
(0.13 - 0.33)
0.090 - 0.094
(2.28 - 2.39)
28
0.009 - 0.013
(0.22 - 0.33)
0º - 8º
1
0.024 - 0.034
(0.61 - 0.86)
(4 PLACES)
Package: S28
28-Pin SOIC
ORDERING INFORMATION
PART NUMBER
MACROVISION®
TEMPERATURE RANGE
PACKAGE
ML6461CS
YES
0°C to 70°C
28 Pin SOIC (S28)
© Micro Linear 1999.
is a registered trademark of Micro Linear Corporation. All other trademarks are the property of their respective owners.
Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483;
5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959;
5,689,167; 5,714,897; 5,717,798; 5,742,151; 5,747,977; 5,754,012; 5,757,174; 5,767,653; 5,777,514; 5,793,168; 5,798,635; 5,804,950; 5,808,455;
5,811,999; 5,818,207; 5,818,669; 5,825,165; 5,825,223; 5,838,723; 5.844,378; 5,844,941. Japan: 2,598,946; 2,619,299; 2,704,176; 2,821,714. Other
patents are pending.
Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any
liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of
others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to
whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application
herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com