Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6461CS Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML6461CS
Description  CCIR656 NTSC Video Encoder
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6461CS Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML6461CS Datasheet HTML 9Page - Micro Linear Corporation ML6461CS Datasheet HTML 10Page - Micro Linear Corporation ML6461CS Datasheet HTML 11Page - Micro Linear Corporation ML6461CS Datasheet HTML 12Page - Micro Linear Corporation ML6461CS Datasheet HTML 13Page - Micro Linear Corporation ML6461CS Datasheet HTML 14Page - Micro Linear Corporation ML6461CS Datasheet HTML 15Page - Micro Linear Corporation ML6461CS Datasheet HTML 16Page - Micro Linear Corporation ML6461CS Datasheet HTML 17Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ML6461
13
Internal Slave Mode
Embedded in the YCrCb data stream, the timing code
0xFF, 0x00, 0x00, 0x(SAV) must be inserted before the
samples of the first active pixel. Figures 6 through 6b
illustrate timing for CCIR656 video with SAV and EAV
codes for CCIR or Square Pixel clocking.
External Slave Mode
A horizontal reset pulse can be used either at the beginning
of active video or the beginning of horizontal blanking to
provide synchronization of the YCrCb data to the internal
clock. Bits SEL_HSYNC1(B14) and SEL_HSYNC0 (B13) are
provided to achieve some degree of programmability in this
synchronization. Figures 7 and 7a show synchronization for
active edge at the beginning of active video for positive or
negative HSYNC polarity while Figures 8 and 8a show
synchronization for active edge at the beginning of
horizontal blanking for positive or negative HSYNC polarity.
Polarity of HSYNC and VSYNC
In both the Master and Slave modes, the HSYNC and
VSYNC polarity can be selected via bit SENSE_HSYNC and
SENSE_VSYNC. When the SENSE_HSYNC bit is set to
logical 1, the HSYNC pulse is on the rising edge. When the
SENSE_HSYNC bit is cleared to logical 0, the HSYNC pulse
is on the falling edge. Similarly, when the SENSE_VSYNC bit
is set logical 1, the VSYNC pulse is on the rising edge.
Figure 6. CCIR Format: CLK = 27MHz
FUNCTIONAL DESCRIPTION (Continued)
When the SENSE_VSYNC bit is cleared to logical 0, the
VSYNC pulse is on the falling edge.
HSYNC Timing Delay
In both Master and Slave modes, the SEL_HSYNC1(B14)
and SEL_HSYNC0 (B13) bits of the control register can be
programmed to delay the HSYNC active edge up to three
clock periods, 3T, where T is one period of the clock.
CHROMA AND LUMA PROCESSING
Refer to Figures 9 through 12.
VIDEO OUTPUT STAGE
Reconstruction filtering, clamping, and line drivers
The ML6461 can simultaneously provide outputs for S-
video, two composite video, and a TV modulator.
Differential gain and phase are guaranteed at the outputs
of the line drivers. Two internal 7th-order Butterworth
filters and a group delay equalizer are used as
reconstruction filters on S-video (NTSC). The composite
signal is generated after reconstruction. The S-video (Y and
C) and composite video (CV) are then fed into 75
Ω line
drivers.
Each of the filter/drivers are designed to guarantee a
differential phase of 0.5º and differential gain of 0.5%.
F
F
CB0
Y0
CR0
Y1
CB1
Y2
CR1
Y3
CB2 Y4
0
0
0
0
E
A
V
8
0
1
0
8
0
1
0
8
0
1
0
F
F
0
0
0
0
S
A
V
C
B
YC
R
Y C
B
YC
R
Y
Y C
B
Y C
R
Y
Y715 CB358 Y716 CR358 Y717 CB359 Y718 CR359 Y719
01 2 3 45 67
270
272
274
276
278
280
282
1711
1713
1715
1440
1440
4
4
268
• • • • • • •
• • • • • • •
• • • • • • •
In CCIR format, there are
{}intheactiveportionofaline.
720 Y
360 Cb
360 Cr
ACTIVE
BLANKING
ACTIVE
LINE
LINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com