Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5111 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5111
Description  Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5111 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5111 Datasheet HTML 1Page - ON Semiconductor CS5111 Datasheet HTML 2Page - ON Semiconductor CS5111 Datasheet HTML 3Page - ON Semiconductor CS5111 Datasheet HTML 4Page - ON Semiconductor CS5111 Datasheet HTML 5Page - ON Semiconductor CS5111 Datasheet HTML 6Page - ON Semiconductor CS5111 Datasheet HTML 7Page - ON Semiconductor CS5111 Datasheet HTML 8Page - ON Semiconductor CS5111 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS5111
http://onsemi.com
5
PIN FUNCTION DESCRIPTION (continued)
PACKAGE PIN #
FUNCTION
PIN SYMBOL
SO–24L
FUNCTION
PIN SYMBOL
21
IBIAS
A resistor connected to GND sets internal bias currents as well as the COSC and
CDelay charge currents.
22
VLIN
Regulated 5.0 V output from the linear regulator section.
23
VREG
Input voltage to the linear regulator and the internal supply circuitry.
24
ENABLE
Logic level input to shut down the switching regulator.
TYPICAL PERFORMANCE CHARACTERISTICS
0
20
40
100
ILIN (mA)
3.5
4.5
4.0
60
80
0
0.5
1.0
2.0
ISW (A)
–40
0
–20
1.5
–10
–30
0
0.5
1.0
2.0
ISW (A)
0
1.4
1.0
1.5
1.2
0.8
0.6
0.4
0.2
0
500
1000
3000
COSC (pF)
0
180
80
1500
160
40
140
120
100
60
20
2000
2500
Figure 2. 5.0 V Regulator Bias Current vs. Load Current
Figure 3. Supply Current vs. Switch Current
Figure 4. Switch Saturation Voltage
Figure 5. Oscillator Frequency (kHz) vs.
COSC (pF), Assuming RBIAS = 64.9 kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com