Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5111 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5111
Description  Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5111 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5111 Datasheet HTML 1Page - ON Semiconductor CS5111 Datasheet HTML 2Page - ON Semiconductor CS5111 Datasheet HTML 3Page - ON Semiconductor CS5111 Datasheet HTML 4Page - ON Semiconductor CS5111 Datasheet HTML 5Page - ON Semiconductor CS5111 Datasheet HTML 6Page - ON Semiconductor CS5111 Datasheet HTML 7Page - ON Semiconductor CS5111 Datasheet HTML 8Page - ON Semiconductor CS5111 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CS5111
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (5.0 V
≤ VIN ≤ 26 V and –40°C ≤ TJ ≤ 150°C, COUT = 100 µF (ESR ≤ 8.0 Ω),
CDelay = 0.1 µF, RBIAS = 64.9 kΩ, COSC = 390 pF, CCOMP = 0.1 µF; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
General
IIN Off Current
6.6 V
≤ VIN ≤ 26 V, ISW = 0 A
–
–
2.0
mA
IIN On Current
6.6 V
≤ VIN ≤ 26 V, ISW = 1.4 A
–
30
70
mA
IREG Current
ILIN = 100 mA, 6.6 V ≤ VIN ≤ 26 V
–
–
6.0
mA
Thermal Limit
Guaranteed by Design
160
–
210
°C
5.0 V Regulator Section
VLIN Output Voltage
6.6 V
≤ VREG ≤ 26 V,
1.0 mA
≤ ILIN ≤ 100 mA
4.9
5.0
5.1
V
Dropout Voltage
(VREG – VLIN) @ ILIN = 100 mA
–
1.2
1.5
V
Overvoltage Shutdown
–
30
34
38
V
Line Regulation
6.6 V
≤ VREG ≤ 26 V, ILIN = 5.0 mA
–
5.0
25
mV
Load Regulation
VREG = 19 V, 1.0 mA ≤ ILIN ≤ 100 mA
–
5.0
25
mV
Current Limit
6.6 V
≤ VREG ≤ 26 V
120
–
–
mA
DC Ripple Rejection
14 V
≤ VREG ≤ 24 V
60
75
–
dB
RESET Section
Low Threshold (VRTL)
VLIN Decreasing
4.05
4.25
4.45
V
High Threshold (VRTH)
VLIN Increasing
4.2
4.45
4.7
V
Hysteresis
VRTH – VRTL
140
190
240
mV
Active High
VLIN > VRTH, IRESET = –25 µA
VLIN – 0.5
–
–
V
Active Low
VLIN = 1.0 V, 10 kΩ Pull–Up from
RESET to VLIN
VLIN = 4.0 V, IRESET = 1.0 mA
–
–
–
–
0.4
0.7
V
V
Delay
Invalid WDI
6.25
8.78
11
ms
Power On Delay
VLIN Crossing VRTH
6.25
–
–
ms
Watchdog Input (WDI)
VIH
Peak WDI Needed to Activate RESET
–
–
2.0
V
VIL
–
0.8
–
–
V
Hysteresis
Note 2.
25
50
–
mV
Pull–Up Resistor
WDI = 0 V
20
50
100
k
Ω
Low Threshold
–
6.25
8.78
11
ms
Floating Input Voltage
–
3.5
–
–
V
WDI Pulse Width
–
–
–
5.0
µs
Switcher Section
Minimum Operating Input
Voltage
–
–
–
5.0
V
Switching Frequency
Refer to Figure 5
80
95
110
kHz
Switch Saturation Voltage
ISW = 1.4 A
0.7
1.1
1.6
V
Output Current Limit
–
1.4
–
2.5
A
Max Switching Frequency
VSW = 7.5 V with 50 Ω Load, Refer to
Figure 5
120
–
–
kHz
2. Guaranteed by design, not 100% tested in productions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com