Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5111 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5111
Description  Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5111 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5111 Datasheet HTML 1Page - ON Semiconductor CS5111 Datasheet HTML 2Page - ON Semiconductor CS5111 Datasheet HTML 3Page - ON Semiconductor CS5111 Datasheet HTML 4Page - ON Semiconductor CS5111 Datasheet HTML 5Page - ON Semiconductor CS5111 Datasheet HTML 6Page - ON Semiconductor CS5111 Datasheet HTML 7Page - ON Semiconductor CS5111 Datasheet HTML 8Page - ON Semiconductor CS5111 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CS5111
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (5.0 V
≤ VIN ≤ 26 V and –40°C ≤ TJ ≤ 150°C, COUT = 100 µF (ESR ≤ 8.0 Ω),
CDelay = 0.1 µF, RBIAS = 64.9 kΩ, COSC = 390 pF, CCOMP = 0.1 µF; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Switcher Section (continued)
VFB1 Regulation Voltage
–
1.206
1.25
1.294
V
VFB2 Regulation Voltage
–
1.206
1.25
1.294
V
VFB1, VFB2 Input Current
VFB1 = VFB2 = 5.0 V
–
–
1.0
µA
Oscillator Charge Current
COSC = 0 V
35
40
45
µA
Oscillator Discharge Current
COSC = V40
270
320
370
µA
CDelay Charge Current
CDelay = 0 V
35
40
45
µA
Switcher Max Duty Cycle
VSW = 5.0 V with 50 Ω Load,
VFB1 = VFB2 = 1.0 V
72
85
95
%
Current Sense Amp Gain
ISW = 2.3 A
–
7.0
–
V/V
Error Amp DC Gain
–
–
67
–
dB
Error Amp Transconductance
–
–
2700
–
µA/V
ENABLE Input
VIL
–
0.8
1.24
–
V
VIH
–
–
1.3
2.0
V
Hysteresis
–
–
60
–
mV
Input Impedance
–
10
20
40
k
Ω
Select Input
VIL (Selects VFB1)
4.9
≤ VLIN ≤ 5.1
0.8
1.25
–
V
VIH (Selects VFB2)
4.9
≤ VLIN ≤ 5.1
–
1.25
2.0
V
SELECT Pull–Up
SELECT = 0 V
10
24
50
k
Ω
Floating Input Voltage
–
3.5
4.5
–
V
PIN FUNCTION DESCRIPTION
PACKAGE PIN #
SO–24L
PIN SYMBOL
FUNCTION
1
VIN
Supply voltage.
2, 3
NC
No connection.
4
VSW
Collector of NPN power switch for switching regulator section.
5, 6, 7, 8, 17, 18, 19, 20
GND
Connected to the heat removing leads.
9
VFB1
Feedback input voltage 1 (referenced to 1.25 V).
10
VFB2
Feedback input voltage 2 (referenced to 1.25 V).
11
SELECT
Logic level input that selects either VFB1 or VFB2. An open selects VFB2. Connect
to GND to select VFB1.
12
COMP
Output of the transconductance error amplifier.
13
COSC
A capacitor connected to GND sets the switching frequency. Refer to Figure 5.
14
WDI
Watchdog input. Active on falling edge.
15
CDelay
A capacitor connected to GND sets the Power On Reset and Watchdog time.
16
RESET
RESET output. Active low if VLIN is below the regulation limit. If watchdog timeout
is reached, a reset pulse train is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com