Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5111 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5111
Description  Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5111 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5111 Datasheet HTML 1Page - ON Semiconductor CS5111 Datasheet HTML 2Page - ON Semiconductor CS5111 Datasheet HTML 3Page - ON Semiconductor CS5111 Datasheet HTML 4Page - ON Semiconductor CS5111 Datasheet HTML 5Page - ON Semiconductor CS5111 Datasheet HTML 6Page - ON Semiconductor CS5111 Datasheet HTML 7Page - ON Semiconductor CS5111 Datasheet HTML 8Page - ON Semiconductor CS5111 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CS5111
http://onsemi.com
2
Figure 1. Block Diagram
VFB1
VFB2
SELECT
COMP
IBIAS
COSC
VREG
CDELAY
WDI
Multiplexer
Oscillator
Overvoltage
Bandgap
Reference
Switcher Error Amplifier
COMP
Logic
–
+
+
–
Base
Drive
Current Sense Amplifier
+
–
Linear
Error Amplifier
+
–
1.4 A
VIN
VSW
GND
ENABLE
VLIN
RESET
Switcher Shutdown
Current
Limit
Over
Temperature
1.25 V
RESET &
Watchdog Timer
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Logic Inputs/Outputs (ENABLE, SELECT, WDI, RESET)
–0.3 to VLIN
V
VLIN
–0.3 to 10
VIN, VREG:
DC Input Voltage
Peak Transient Voltage (40 V Load Dump @ 14 V VIN)
–0.3 to 26
–0.3 to 54
V
V
VSW Peak Transient Voltage
54
V
COSC, CDelay, COMP, VFB1, VFB2
–0.3 to VLIM
V
Power Dissipation
Internally Limited
–
VLIN Output Current
Internally Limited
–
VSW Output Current
Internally Limited
–
RESET Output Sink Current
5.0
mA
ESD Susceptibility (Human Body Model)
2.0
kV
ESD Susceptibility (Machine Model)
200
V
Storage Temperature
–65 to 150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1.)
230 peak
°C
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com