Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5111 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5111
Description  Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5111 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5111 Datasheet HTML 1Page - ON Semiconductor CS5111 Datasheet HTML 2Page - ON Semiconductor CS5111 Datasheet HTML 3Page - ON Semiconductor CS5111 Datasheet HTML 4Page - ON Semiconductor CS5111 Datasheet HTML 5Page - ON Semiconductor CS5111 Datasheet HTML 6Page - ON Semiconductor CS5111 Datasheet HTML 7Page - ON Semiconductor CS5111 Datasheet HTML 8Page - ON Semiconductor CS5111 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2001
January, 2001 – Rev. 9
1
Publication Order Number:
CS5111/D
CS5111
1.4 A Switching Regulator
with 5.0 V, 100 mA Linear
Regulator with Watchdog,
RESET and ENABLE
The CS5111 is a dual output power supply integrated circuit. It
contains a 5.0 V
± 2%, 100 mA linear regulator, a watchdog timer, a
linear output voltage monitor to provide a Power On Reset (POR) and
a 1.4 A current mode PWM switching regulator.
The 5.0 V linear regulator is comprised of an error amplifier, reference,
and supervisory functions. It has low internal supply current consumption
and provides 1.2 V (typical) dropout voltage at maximum load current.
The watchdog timer circuitry monitors an input signal (WDI) from
the microprocessor. It responds to the falling edge of this watchdog
signal. If a correct watchdog signal is not received within the
externally programmable time, a reset signal is issued.
The externally programmable active reset circuit operates correctly
for an output voltage (VLIN) as low as 1.0 V. During power up, or if the
output voltage shifts below the regulation limit, RESET toggles low
and remains low for the duration of the delay after proper output
voltage regulation is restored. Additionally a reset pulse is issued if the
correct watchdog is not received within the programmed time. Reset
pulses continue until the correct watchdog signal is received. The reset
pulse width and frequency, as well as the Power On Reset delay, are set
by one external RC network.
The current mode PWM switching regulator is comprised of an
error amplifier with selectable feedback inputs, a current sense
amplifier, an adjustable oscillator, and a 1.4 A output power switch
with anti–saturation control. The switching regulator can be
configured in a variety of topologies.
The CS5111 is load dump capable and has protection circuitry
which includes overvoltage shutdown, current limit on the linear and
switcher outputs, and an overtemperature limiter.
Features
• Linear Regulator
– 5.0 V
± 2% @ 100 mA
• Switching Regulator
– 1.4 A Peak Internal Switch
– 120 kHz Maximum Switching Frequency
– 5.0 V to 26 V Operating Supply Range
• Smart Functions
– Watchdog
– RESET
– ENABLE
• Protection
– Overvoltage
– Overtemperature
– Current Limit
• 54 V Peak Transient Capability
• Internally Fused Leads in SO–24L Package
http://onsemi.com
SO–24L
DWF SUFFIX
CASE 751E
1
24
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
MARKING
DIAGRAM
1
CS5111
AWLYYWW
24
PIN CONNECTIONS
GND
GND
GND
GND
GND
GND
GND
GND
IBIAS
VSW
VLIN
NC
VREG
NC
ENABLE
VIN
RESET
VFB1
CDelay
VFB2
124
COSC
COMP
WDI
SELECT
Device
Package
Shipping
ORDERING INFORMATION
CS5111YDWF24
SO–24L
31 Units/Rail
CS5111YDWFR24
SO–24L
1000 Tape & Reel


Similar Part No. - CS5111

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS5111YDWF24 CHERRY-CS5111YDWF24 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
CS5111YDWFR24 CHERRY-CS5111YDWFR24 Datasheet
188Kb / 10P
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Rev. 12/28/98
More results

Similar Description - CS5111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
Switching Regulator
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
Switching Regulator
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
SWITCHING REGULATOR
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
Switching Regulator
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
Switching Regulator
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
Switching Regulator
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
Switching Regulator
May,2013
logo
Toshiba Semiconductor
2SJ610 TOSHIBA-2SJ610 Datasheet
233Kb / 6P
Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com