Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5111 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CS5111
Description  Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5111 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CS5111 Datasheet HTML 7Page - ON Semiconductor CS5111 Datasheet HTML 8Page - ON Semiconductor CS5111 Datasheet HTML 9Page - ON Semiconductor CS5111 Datasheet HTML 10Page - ON Semiconductor CS5111 Datasheet HTML 11Page - ON Semiconductor CS5111 Datasheet HTML 12Page - ON Semiconductor CS5111 Datasheet HTML 13Page - ON Semiconductor CS5111 Datasheet HTML 14Page - ON Semiconductor CS5111 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CS5111
http://onsemi.com
11
Figure 16. A Typical Application Diagram with External Components Configured
in a Boost Topology
VIN
L = 33
µH
COUT
88
µF
(2)
VOUT = 18 V, Select > 2.0 V
VOUT = 16 V, Select < 0.8 V
VIN
NC
NC
VSW
GND
GND
GND
GND
VFB1
VFB2
SELECT
COMP
ENABLE
VREG
VLIN
IBIAS
GND
GND
GND
GND
RESET
CDelay
WDI
COSC
CS5111
5.0 V
RBIAS
64.9 k
Ω
Microprocessor
CDelay
0.1
µF
COSC
390 pF
CCOMP
0.33
µF
(1)
R1
100 k
Ω
R2
946
Ω
R3
7.5 k
Ω
100
µF
ESR < 8.0
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com