Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9V024 Datasheet(PDF) 49 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 49 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 45Page - ON Semiconductor MT9V024 Datasheet HTML 46Page - ON Semiconductor MT9V024 Datasheet HTML 47Page - ON Semiconductor MT9V024 Datasheet HTML 48Page - ON Semiconductor MT9V024 Datasheet HTML 49Page - ON Semiconductor MT9V024 Datasheet HTML 50Page - ON Semiconductor MT9V024 Datasheet HTML 51Page - ON Semiconductor MT9V024 Datasheet HTML 52Page - ON Semiconductor MT9V024 Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
48
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
LVDS Data Bus Timing
The LVDS bus timing waveforms and timing specifications are shown in Table 12 and
Figure 37.
Figure 37:
LVDS Timing
Table 12:
LVDS AC Timing Specifications
VPWR = 3.3V ±0.3V; TJ = – 40°C to +105°C; output load = 100 ; frequency 27 MHz
Parameter
Minimum
Typical
Maximum
Unit
LVDS clock rise time
–
0.22
0.30
ns
LVDS clock fall time
–
0.22
0.30
ns
LVDS data rise time
–
0.28
0.30
ns
LVDS data fall time
–
0.28
0.30
ns
LVDS data setup time
0.3
0.67
–
ns
LVDS data hold time
0.1
1.34
–
ns
LVDS clock jitter
–
92
ps
Data Rise/Fall Time
(10% - 90%)
Data Setup Time
Data Hold Time
LVDS Data Output
(SER_DATAOUT_N/P)
LVDS Clock Output
(Shft_CLKOUT_N/P)
Clock Rise/Fall Time
(10% - 90%)
Clock Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com