Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9V024 Datasheet(PDF) 39 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 35Page - ON Semiconductor MT9V024 Datasheet HTML 36Page - ON Semiconductor MT9V024 Datasheet HTML 37Page - ON Semiconductor MT9V024 Datasheet HTML 38Page - ON Semiconductor MT9V024 Datasheet HTML 39Page - ON Semiconductor MT9V024 Datasheet HTML 40Page - ON Semiconductor MT9V024 Datasheet HTML 41Page - ON Semiconductor MT9V024 Datasheet HTML 42Page - ON Semiconductor MT9V024 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
38
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
Automatic Gain Control and Automatic Exposure Control
The integrated AEC/AGC unit is responsible for ensuring that optimal auto settings of
exposure and (analog) gain are computed and updated every frame.
AEC and AGC can be individually enabled or disabled by R0xAF. When AEC is disabled
(R0xAF[0] = 0), the sensor uses the manual exposure value in coarse and fine shutter
width registers. When AGC is disabled (R0xAF[1] = 0), the sensor uses the manual gain
value in R0x35 or R0x36. See “Pixel Integration Control” on page 24 for more informa-
tion.
Figure 29:
Controllable and Observable AEC/AGC Registers
The exposure is measured in row-time by reading R0xBB. The exposure range is
1 to 2047. The gain is measured in gain-units by reading R0xBA. The gain range is
16 to 63 (unity gain = 16 gain-units; multiply by 1/16 to get the true gain).
When AEC is enabled (R0xAF), the maximum auto exposure value is limited by R0xBD;
minimum auto exposure is limited by AEC Minimum Exposure, R0xAC.
Note:
AEC does not support sub-row timing; calculated exposure values are rounded down
to the nearest row-time. For smoother response, manual control is recommended for
short exposure times.
When AGC is enabled (R0xAF), the maximum auto gain value is limited by R0xAB;
minimum auto gain is fixed to 16 gain-units.
The exposure control measures current scene luminosity and desired output luminosity
by accumulating a histogram of pixel values while reading out a frame. All pixels are
used, whether in color or mono mode. The desired exposure and gain are then calcu-
lated from this for subsequent frame.
When binning is enabled, tuning of the AEC may be required. The histogram pixel count
register, R0xB0, may be adjusted to reflect reduced pixel count. Desired bin register,
R0xA5, may be adjusted as required.
EXP. LPF
(R0xA8)
1
0
1
0
EXP. SKIP
(R0xA6)
Coarse Shutter
Width Total
AEC ENABLE
(R0xAF[0 or 8])
MAX. EXPOSURE (R0xBD)
MIN EXPOSURE (R0xAC)
AEC
UNIT
To exposure
timing control
AEC
OUTPUT
R0xBB
R0xBA
To analog
gain control
HISTOGRAM
GENERATOR
UNIT
AGC
UNIT
GAIN LPF
(R0xAB)
GAIN SKIP
(R0xA9)
MANUAL GAIN
A or B
AGC ENABLE
(R0xAF[1 or 9])
AGC OUTPUT
MAX. GAIN
(R0xAB)
MIN GAIN
DESIRED BIN
(desired luminance)
(R0xA5)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com