Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9V024 Datasheet(PDF) 33 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 29Page - ON Semiconductor MT9V024 Datasheet HTML 30Page - ON Semiconductor MT9V024 Datasheet HTML 31Page - ON Semiconductor MT9V024 Datasheet HTML 32Page - ON Semiconductor MT9V024 Datasheet HTML 33Page - ON Semiconductor MT9V024 Datasheet HTML 34Page - ON Semiconductor MT9V024 Datasheet HTML 35Page - ON Semiconductor MT9V024 Datasheet HTML 36Page - ON Semiconductor MT9V024 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
32
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
For context A these become:
t1 = R0x08 + R0xD3
(EQ 11)
t2 = R0x09 - R0x08 + R0xD4 – R0xD3
(EQ 12)
t3 = R0x0B + R0xD4 – t1 – t2
(EQ 13)
For context B these are:
t1 = R0xCF + R0xD6
(EQ 14)
t2 = R0xD0 - R0xCF + R0xD7 - R0xD6
(EQ 15)
t3 = R0xD2 + R0xD8 -t1 -t2
(EQ 16)
In all cases above, the coarse component of total integration time may be based on the
result of AEC or values in R0x0B and R0xD2, depending on the settings.
Similar to Fine Shutter Width Total registers, the user must not set the Fine Shutter
Width 1 or Fine Shutter Width 2 register to exceed the row time (Horizontal Blanking +
Window Width). The absolute maximum value for the Fine Shutter Width registers is
1774 master clocks.
ADC Companding Mode
By default, ADC resolution of the sensor is 10-bit. Additionally, a companding scheme of
12-bit into 10-bit is enabled by the ADC Companding Mode register. This mode allows
higher ADC resolution, which means less quantization noise at low light, and lower reso-
lution at high light, where good ADC quantization is not so critical because of the high
level of the photon’s shot noise.
Figure 25:
12- to 10-Bit Companding Chart
256
512
768
1,024
4,096
2,048
1,024
512
256
4 to 1 Companding (512 - 2047
384 - 767)
8 to 1 Companding (2,048- 4095
768- 1023)
10-bit
Codes
12-bit
Codes
2 to 1 Companding (256- 511
256- 383)
No companding (0 -255
0 -255)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com