Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9V024 Datasheet(PDF) 40 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 40 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 36Page - ON Semiconductor MT9V024 Datasheet HTML 37Page - ON Semiconductor MT9V024 Datasheet HTML 38Page - ON Semiconductor MT9V024 Datasheet HTML 39Page - ON Semiconductor MT9V024 Datasheet HTML 40Page - ON Semiconductor MT9V024 Datasheet HTML 41Page - ON Semiconductor MT9V024 Datasheet HTML 42Page - ON Semiconductor MT9V024 Datasheet HTML 43Page - ON Semiconductor MT9V024 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
39
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
Pixel Clock Speed
The pixel clock speed is same as the master clock (SYSCLK) at 26.66 MHz by default.
However, when column binning 2 or 4 (R0x0D or R0x0E, bit 2 or 3) is enabled, the pixel
clock speed is reduced by half and one-fourth of the master clock speed respectively. See
“Read Mode Options” on page 36 and “Column Binning” on page 37 for additional infor-
mation.
Hard Reset of Logic
The RC circuit for the MT9V024 uses a 10kresistor and a 0.1µF capacitor. The rise time
for the RC circuit is 1µs maximum.
Soft Reset of Logic
Soft reset of logic is controlled by:
•R0x0C Reset
Bit 0 is used to reset the digital logic of the sensor while preserving the existing two-wire
serial interface configuration. Furthermore, by asserting the soft reset, the sensor aborts
the current frame it is processing and starts a new frame. Bit 1 is a shadowed reset
control register bit to explicitly reset the automatic gain and exposure control feature.
These two bits are self-resetting bits and also return to “0” during two-wire serial inter-
face reads.
STANDBY Control
The sensor goes into standby mode by setting STANDBY to HIGH. Once the sensor
detects that STANDBY is asserted, it completes the current frame before disabling the
digital logic, internal clocks, and analog power enable signal. To release the sensor out
from the standby mode, reset STANDBY back to LOW. The LVDS must be powered to
ensure that the device is in standby mode. See "Appendix A: Power-On Reset and
Standby Timing" on page 54 for more information on standby.
Monitor Mode Control
Monitor mode is controlled by:
• R0xD9 Monitor Mode Enable
• R0xC0 Monitor Mode Image Capture Control
The sensor goes into monitor mode when R0xD9[0] is set to HIGH. In this mode, the
sensor first captures a programmable number of frames (R0xC0), then goes into a sleep
period for five minutes. The cycle of sleeping for five minutes and waking up to capture a
number of frames continues until R0xD9[0] is cleared to return to normal operation.
In some applications when monitor mode is enabled, the purpose of capturing frames is
to calibrate the gain and exposure of the scene using automatic gain and exposure
control feature. This feature typically takes less than 10 frames to settle. In case a larger
number of frames is needed, the value of R0xC0 may be increased to capture more
frames.
During the sleep period, none of the analog circuitry and a very small fraction of digital
logic (including a five-minute timer) is powered. The master clock (SYSCLK) is therefore
always required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com