Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9V024 Datasheet(PDF) 32 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 28Page - ON Semiconductor MT9V024 Datasheet HTML 29Page - ON Semiconductor MT9V024 Datasheet HTML 30Page - ON Semiconductor MT9V024 Datasheet HTML 31Page - ON Semiconductor MT9V024 Datasheet HTML 32Page - ON Semiconductor MT9V024 Datasheet HTML 33Page - ON Semiconductor MT9V024 Datasheet HTML 34Page - ON Semiconductor MT9V024 Datasheet HTML 35Page - ON Semiconductor MT9V024 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
31
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
Figure 24:
Sequence of Voltages in a Piecewise Linear Pixel Response
The parameters of the step voltage V_Step, which take values V1, V2, and V3, directly
affect the position of the knee points in Figure 24.
Light intensities work approximately as a reciprocal of the partial exposure time. Typi-
cally, t1 is the longest exposure, t2 shorter, and so on. Thus the range of light intensities is
shortest for the first slope, providing the highest sensitivity.
The register settings for V_Step and partial exposures are:
V1 = R0x31, bits 5:0 (Context B: R0x39, bits 5:0)
V2 = R0x32, bits 5:0 (Context B: R0x3A, bits 5:0)
V3 = R0x33, bits 5:0 (Context B: R0x3B, bits 5:0)
V4 = R0x34, bits 5:0 (Context B: R0x3C, bits 5:0)
tINT = t1 + t2 + t3
There are two ways to specify the knee points timing, the first by manual setting and the
second by automatic knee point adjustment. Knee point auto adjust is controlled for
context A by R0x0A[8] (where default is ON), and for context B by R0xD1[8] (where
default is OFF ).
When the knee point auto adjust enabler is enabled (set HIGH), the MT9V024 calculates
the knee points automatically using the following equations:
t1 = tINT – t2 – t3
(EQ 5)
t2 = tINT x (½)
R0x0A[3:0] or R0xD1[3:0]
(EQ 6)
t3 = tINT x (½)
R0x0A[7:4] or R0xD1[7:4]
(EQ 7)
As a default for auto exposure, t2 is 1/16 of tINT, t3 is 1/64 of tINT.
When the auto adjust enabler is disabled (set LOW), t1, t2, and t3 may be programmed
through the two-wire serial interface:
t1 = Coarse SW1 (row-times) + Fine SW1 (pixel-times)
(EQ 8)
t2 = Coarse SW2 – Coarse SW1 + Fine SW2 - Fine SW1
(EQ 9)
t3 = Total Integration – t1 – t2
(EQ 10)
= Coarse Total Shutter Width + Fine Shutter Width Total – t1 – t2
dV1
dV2
dV3
1/t1
1/t2
1/t3
Light Intensity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com