Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9V024 Datasheet(PDF) 35 Page - ON Semiconductor

Part # MT9V024
Description  Wide-VGA CMOS Digital Image Sensor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 31Page - ON Semiconductor MT9V024 Datasheet HTML 32Page - ON Semiconductor MT9V024 Datasheet HTML 33Page - ON Semiconductor MT9V024 Datasheet HTML 34Page - ON Semiconductor MT9V024 Datasheet HTML 35Page - ON Semiconductor MT9V024 Datasheet HTML 36Page - ON Semiconductor MT9V024 Datasheet HTML 37Page - ON Semiconductor MT9V024 Datasheet HTML 38Page - ON Semiconductor MT9V024 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
MT9V024_DSRev. G Pub. 4/15 EN
34
©Semiconductor Components Industries, LLC, 2015.
MT9V024: 1/3-Inch Wide-VGA Digital Image Sensor
Feature Description
Analog Gain
Analog gain is controlled by:
• R0x35 Global Gain context A
• R0x36 Global Gain context B
The formula for gain setting is:
Gain = Bits[6:0] x 0.0625
(EQ 17)
The analog gain range supported in the MT9V024 is 1X–4X with a step size of
6.25 percent. To control gain manually with this register, the sensor must NOT be in AGC
mode. When adjusting the luminosity of an image, it is recommended to alter exposure
first and yield to gain increases only when the exposure value has reached a maximum
limit.
Analog gain = bits (6:0) x 0.0625 for values 16–31
Analog gain = bits (6:0)/2 x 0.125 for values 32–64
For values 16–31: each LSB increases analog gain 0.0625v/v. A value of 16 = 1X gain.
Range: 1X to 1.9375X.
For values 32–64: each 2 LSB increases analog gain 0.125v/v (that is, double the gain
increase for 2 LSB). Range: 2X to 4X. Odd values do not result in gain increases; the gain
increases by 0.125 for values 32, 34, 36, and so on.
Digital Gain
Digital gain is controlled by:
• R0x99-R0xA4 Tile Coordinates
• R0x80-R0x98 Tiled Digital Gain and Weight
In the MT9V024, the gain logic divides the image into 25 tiles, as shown in Figure 27 on
page 31. The size and gain of each tile can be adjusted using the above digital gain
control registers. Separate tile gains can be assigned for context A and context B.
Registers 0x99–0x9E and 0x9F–0xA4 represent the coordinates X0/5–X5/5 and Y0/5–Y5/5
in Figure 27 on page 31, respectively.
Digital gains of registers 0x80–0x98 apply to their corresponding tiles. The MT9V024
supports a digital gain of 0.25–3.75X.
When binning is enabled, the tile offsets maintain their absolute values; that is, tile coor-
dinates do not scale with row or column bin setting. Digital gain is applied as soon as
register is written.
Note:
There is one exception, for the condition when Column Bin 4 is enabled (R0x0D[3:2]
or R0x0E[3:2] = 2). For this case, the value for Digital Tile Coordinate
X–direction must be doubled.
The formula for digital gain setting is:
Digital Gain = Bits[3:0] x 0.25
(EQ 18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com