Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035AMH/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Part # LM5035AMH/NOPB
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035AMH/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM5035AMH/NOPB Datasheet HTML 23Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 24Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 25Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 26Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 27Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 28Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 29Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 30Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
RES
SS
LO
HO
5V
t1
Current Limit Detected
at CS
2.5V
0V
+110 PA
+1 PA
t2
t3
#1V
LM5035A
www.ti.com
SNVS537F – JANUARY 2008 – REVISED APRIL 2013
Figure 28. Hiccup Over-Load Restart Timing
Printed Circuit Board Layout
The LM5035A Current Sense and PWM comparators are very fast, and respond to short duration noise pulses.
The components at the CS, COMP, SS, OVP, UVLO, DLY and the RT pins should be as physically close as
possible to the IC, thereby minimizing noise pickup on the PC board tracks.
Layout considerations are critical for the current sense filter. If a current sense transformer is used, both leads of
the transformer secondary should be routed to the sense filter components and to the IC pins. The ground side
of the transformer should be connected via a dedicated PC board track to the AGND pin, rather than through the
ground plane.
If the current sense circuit employs a sense resistor in the drive transistor source, low inductance resistors
should be used. In this case, all the noise sensitive, low-current ground tracks should be connected in common
near the IC, and then a single connection made to the power ground (sense resistor ground point).
The gate drive outputs of the LM5035A should have short, direct paths to the power MOSFETs in order to
minimize inductance in the PC board traces. The SR control outputs should also have minimum routing distance
through the pulse transformers and through the secondary gate drivers to the sync FETs.
The two ground pins (AGND, PGND) must be connected together with a short, direct connection, to avoid jitter
due to relative ground bounce.
If the internal dissipation of the LM5035A produces high junction temperatures during normal operation, the use
of multiple vias under the IC to a ground plane can help conduct heat away from the IC. Judicious positioning of
the PC board within the end product, along with use of any available air flow (forced or natural convection) will
help reduce the junction temperatures. If using forced air cooling, avoid placing the LM5035A in the airflow
shadow of tall components, such as input capacitors.
Application Circuit Example
The following schematic shows an example of a 100W half-bridge power converter controlled by the LM5035A.
The operating input voltage range (VPWR) is 36V to 75V, and the output voltage is 3.3V. The output current
capability is 30 Amps. Current sense transformer T2 provides information to the CS pin for current limit
protection. The error amplifier and reference, U3 and U5 respectively, provide voltage feedback via opto-coupler
U4. Synchronous rectifiers Q4, Q5, Q6 and Q7 minimize rectification losses in the secondary. An auxiliary
winding on transformer T1 provides power to the LM5035A VCC pin when the output is in regulation. The input
voltage UVLO thresholds are
≊34V for increasing VPWR, and ≊32V for decreasing VPWR. The circuit can be shut
down by driving the ON/OFF input (J2) below 1.25V with an open-collector or open-drain circuit. An external
synchronizing frequency can be applied through a 100pF capacitor to the RT input (U1 pin 5). The regulator
output is current limited at
≊34A.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM5035A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com