Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035AMH/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5035AMH/NOPB
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035AMH/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5035AMH/NOPB Datasheet HTML 9Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 10Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 11Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 12Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 13Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 14Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 15Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 16Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LM5035A
www.ti.com
SNVS537F – JANUARY 2008 – REVISED APRIL 2013
The UVLO pin can also be used to implement various remote enable / disable functions. Turning off a converter
by forcing the UVLO pin to the standby condition provides a controlled soft-stop. See the Soft-Start section for
more details.
Line Over Voltage / Load Over Voltage / Remote Thermal Protection
The LM5035A provides a multipurpose OVP pin that supports several fault protection functions. When the OVP
pin voltage exceeds 1.25V, the controller is held in standby mode which immediately halts the PWM pulses at
the HO and LO pins. In standby mode, the VCC and REF bias regulators are active while the controller outputs
are disabled. When the OVP pin voltage falls below the 1.25V OVP threshold, the outputs are enabled and
normal soft-start sequence begins. Hysteresis is accomplished with an internal 23 µA current source that is
switched on or off into the impedance of the OVP pin set-point divider. When the OVP threshold is exceeded, the
current source is enabled to quickly raise the voltage at the OVP pin. When the OVP pin voltage falls below the
1.25V threshold, the current source is disabled causing the voltage at the OVP pin to quickly fall.
Several examples of the use of this pin are provided in the Application Information section.
Reference
The REF pin is the output of a 5V linear regulator that can be used to bias an opto-coupler transistor and
external housekeeping circuits. The regulator output is internally current limited to 20mA (typical).
Cycle-by-Cycle Current Limit
The CS pin is driven by a signal representative of the transformer primary current. If the voltage sensed at CS
pin exceeds 0.25V, the current sense comparator terminates the HO or LO output driver pulse. If the high current
condition persists, the controller operates in a cycle-by-cycle current limit mode with duty cycle determined by the
current sense comparator instead of the PWM comparator. Cycle-by-cycle current limiting may trigger the hiccup
mode restart cycle depending on the configuration of the RES pin (see below).
A small R-C filter connect to the CS pin and located near the controller is recommended to suppress noise. An
internal 32
Ω MOSFET connected to the CS input discharges the external current sense filter capacitor at the
conclusion of every cycle. The discharge MOSFET remains on for an additional 50 ns after the HO or LO driver
switches high to blank leading edge transients in the current sensing circuit. Discharging the CS pin filter each
cycle and blanking leading edge spikes reduces the filtering requirements and improves the current sense
response time.
The current sense comparator is very fast and responds to short duration noise pulses. Layout considerations
are critical for the current sense filter and sense resistor. The capacitor associated with the CS filter must be
placed very close to the device and connected directly to the CS and AGND pins. If a current sense transformer
is used, both leads of the transformer secondary should be routed to the filter network, which should be located
close to the IC. If a sense resistor located in the source of the main MOSFET switch is used for current sensing,
a low inductance type of resistor is required. When designing with a current sense resistor, all of the noise
sensitive low power ground connections should be connected together near the AGND pin, and a single
connection should be made to the power ground (sense resistor ground point).
Overload Protection Timer
The LM5035A provides a current limit restart timer to disable the outputs and force a delayed restart (hiccup
mode) if a current limit condition is repeatedly sensed. The number of cycle-by-cycle current limit events required
to trigger the restart is programmable by the external capacitor at the RES pin. During each PWM cycle, the
LM5035A either sources or sinks current from the RES pin capacitor. If no current limit is detected during a cycle,
an 12 µA discharge current sink is enabled to pull the RES pin to ground. If a current limit is detected, the 12 µA
sink current is disabled and a 22µA current source causes the voltage at the RES pin to gradually increase. The
LM5035A protects the converter with cycle-by-cycle current limiting while the voltage at RES pin increases. If the
RES voltage reaches the 2.5V threshold, the following restart sequence occurs (also see Figure 14):
•
The RES capacitor and SS capacitors are fully discharged
•
The soft-start current source is reduced from 110 µA to 1 µA
•
The SS capacitor voltage slowly increases. When the SS voltage reaches
≊1V, the PWM comparator will
produce the first narrow output pulse. After the first pulse occurs, the SS source current reverts to the normal
110 µA level. The SS voltage increases at its normal rate, gradually increasing the duty cycle of the output
drivers
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5035A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com