Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035AMH/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5035AMH/NOPB
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035AMH/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5035AMH/NOPB Datasheet HTML 3Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 4Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 5Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 6Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 7Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 8Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 9Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 10Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LM5035A
www.ti.com
SNVS537F – JANUARY 2008 – REVISED APRIL 2013
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VVIN = 48V, VVCC = 10V externally applied, RRT = 15.0 kΩ, RDLY = 27.4kΩ, VUVLO = 3V, VOVP = 0V unless
otherwise stated. See
(1) and (2).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Over-Voltage Protection (OVP pin)
VOVP
Over-Voltage threshold
1.212
1.25
1.288
V
IOVP
Hysteresis current
OVP pin sourcing
19
23
27
µA
Current Sense Input (CS Pin)
VCS
Current Limit Threshold
0.228
0.25
0.272
V
CS delay to output
CS from zero to 1V. Time for HO and LO to
80
ns
fall to 90% of VCC. Output load = 0 pF.
Leading edge blanking time at CS
50
ns
CS sink impedance (clocked)
Internal FET sink impedance
32
60
Ω
Current Limit Restart (RES Pin)
VRES
RES Threshold
2.4
2.5
2.6
V
Charge source current
VRES = 1.5V
16
22
28
µA
Discharge sink current
VRES = 1V
8
12
16
µA
Soft-Start (SS Pin)
ISS
Charging current in normal operation
VSS = 0
80
110
140
µA
Charging current during a hiccup
VSS = 0
0.6
1.2
1.8
µA
mode restart
Soft-stop Current Sink
VSS = 2.5V
80
110
140
µA
Oscillator (RT Pin)
FSW1
Frequency 1 (at HO, half oscillator
RRT = 15 kΩ, TJ = 25°C
185
200
215
kHz
frequency)
RRT = 15 kΩ, TJ = -40°C to 125°C
180
220
FSW2
Frequency 2 (at HO, half oscillator
RRT = 5.49 kΩ
430
500
570
kHz
frequency)
DC level
2
V
Input Sync threshold
2.5
3
3.4
V
PWM Controller (Comp Pin)
Delay to output
80
ns
VPWM-OS
SS to RAMP offset
0.7
1
1.2
V
Minimum duty cycle
SS = 0V
0
%
Small signal impedance
ICOMP = 600µA, COMP current to PWM
5000
Ω
voltage
Main Output Drivers (HO and LO Pins)
Output high voltage
IOUT = 50mA, VHB - VHO, VVCC - VLO
0.5
0.25
V
Output low voltage
IOUT = 100 mA
0.2
0.5
V
Rise time
CLOAD = 1 nF
15
ns
Fall time
CLOAD = 1 nF
13
ns
Deadtime, HO to LO, LO to HO
VDLY = VREF, ICOMP = 0mA
45
70
100
ns
Peak source current
VHO,LO = 0V, VVCC = 10V
1.25
A
Peak sink current
VHO,LO = 10V, VVCC = 10V
2
A
HB Threshold
VCC rising
3.8
V
Voltage Feed-Forward (RAMP Pin)
RAMP comparator threshold
COMP current = 0
2.4
2.5
2.6
V
Synchronous Rectifier Drivers (SR1, SR2)
Output high voltage
IOUT = 10mA, VVCC - VSR1, VVCC - VSR2
0.25
0.1
V
Output low voltage
IOUT = 20 mA (sink)
0.08
0.2
V
Rise time
CLOAD = 1 nF
40
ns
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5035A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com