Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035AMH/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5035AMH/NOPB
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035AMH/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5035AMH/NOPB Datasheet HTML 18Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 19Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 20Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 21Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 22Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 23Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 24Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 25Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
UVLO
LM5035A
R2
R1
VPWR
0.4V
1.25V
23 PA
Disable VCC and REF Regulators
Disable Output Drivers
R2 =
1.25V x R1
VPWR ± 1.25V ± (23 PA x R1)
R1 =
VHYS
23 PA
LM5035A
SNVS537F – JANUARY 2008 – REVISED APRIL 2013
www.ti.com
T1 and T2 can be set to minimum by not connecting a resistor to DLY, connecting a resistor greater than 300k
Ω
from DLY to ground, or connecting DLY to the REF pin. This may cause lower than optimal system efficiency if
the delays through the SR signal transformer network, the secondary gate drivers and the SR MOSFETs are
greater than the delay to turn on the HO or LO MOSFETs. Should an SR MOSFET remain on while the opposing
primary MOSFET is supplying power through the power transformer, the secondary winding will experience a
momentary short circuit, causing a significant power loss to occur.
When choosing the RDLY value, worst case propagation delays and component tolerances should be considered
to assure that there is never a time where both SR MOSFETs are enabled AND one of the primary side
MOSFETs is enabled. The time period T1 should be set so that the SR MOSFET has turned off before the
primary MOSFET is enabled. Conversely, T1 and T2 should be kept as low as tolerances allow to optimize
efficiency. The SR body diode conducts during the time between the SR MOSFET turns off and the power
transformer begins supplying energy. Power losses increase when this happens since the body diode voltage
drop is many times higher than the MOSFET channel voltage drop. The interval of body diode conduction can be
observed with an oscilloscope as a negative 0.7V to 1.5V pulse at the SR MOSFET drain.
UVLO AND OVP VOLTAGE DIVIDER SELECTION FOR R1, R2, AND R3
Two dedicated comparators connected to the UVLO and OVP pins are used to detect under-voltage and over-
voltage conditions. The threshold value of these comparators, VUVLO and VOVP, is 1.25V (typical). The two
functions can be programmed independently with two voltage dividers from VIN to AGND as shown in Figure 22
and Figure 23, or with a three-resistor divider as shown in Figure 24. Independent UVLO and OVP pins provide
greater flexibility for the user to select the operational voltage range of the system. Hysteresis is accomplished by
23 µA current sources (IUVLO and IOVP), which are switched on or off into the sense pin resistor dividers as the
comparators change state.
When the UVLO pin voltage is below 0.4V, the controller is in a low current shutdown mode. For a UVLO pin
voltage greater than 0.4V but less than 1.25V the controller is in standby mode. Once the UVLO pin voltage is
greater than 1.25V, the controller is fully enabled. Two external resistors can be used to program the minimum
operational voltage for the power converter as shown in Figure 22. When the UVLO pin voltage falls below the
1.25V threshold, an internal 23 µA current sink is enabled to lower the voltage at the UVLO pin, thus providing
threshold hysteresis. Resistance values for R1 and R2 can be determined from the following equations.
(9)
(10)
where VPWR is the desired turn-on voltage and VHYS is the desired UVLO hysteresis at VPWR.
For example, if the LM5035A is to be enabled when VPWR reaches 34V, and disabled when VPWR is decreased
to 32V, R1 should be 87 k
Ω, and R2 should be 3.54kΩ. The voltage at the UVLO pin should not exceed 7V at
any time. Be sure to check both the power and voltage rating (0603 resistors can be rated as low as 50V) for the
selected R1 resistor.
Figure 22. Basic UVLO Configuration
22
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5035A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com