Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035AMH/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5035AMH/NOPB
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035AMH/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5035AMH/NOPB Datasheet HTML 2Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 3Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 4Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 5Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 6Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 7Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 8Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 9Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LM5035A
SNVS537F – JANUARY 2008 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 105V
HS to GND
-1V to 105V
HB to GND
-0.3V to 118V
HB to HS
-0.3V to 18V
VCC to GND
-0.3V to 16V
CS, RT, DLY to GND
-0.3V to 5.5V
COMP Input Current
10mA
All other inputs to GND
-0.3V to 7V
ESD Rating(3)
Human Body Model
2kV
Storage Temperature Range
-65°C to 150°C
Junction Temperature
150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. 2kV for all pins except HB, HO and HS
which are rated at 1.5kV.
Operating Ratings
(1)
VIN Voltage
13V to 105V
External Voltage Applied to VCC
8V to 15V
Operating Junction Temperature
-40°C to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VVIN = 48V, VVCC = 10V externally applied, RRT = 15.0 kΩ, RDLY = 27.4kΩ, VUVLO = 3V, VOVP = 0V unless
otherwise stated. See
(1) and (2).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator (VCC pin)
VVCC
VCC voltage
IVCC = 10mA
7.3
7.6
7.9
V
IVCC(LIM)
VCC current limit
VVCC = 7V
25
35
mA
VVCCUV
VCC Under-voltage threshold (VCC
VIN = VCC,
ΔVVCC from the regulation
0.2
0.1
V
increasing)
setpoint
VCC decreasing
VCC – PGND
5.5
6.2
6.9
V
IVIN
Startup regulator current
VIN = 90V, UVLO = 0V
30
70
µA
Supply current into VCC from external Outputs & COMP open, VVCC = 10V,
4
6
mA
source
Outputs Switching
Voltage Reference Regulator (REF pin)
VREF
REF Voltage
IREF = 0mA
4.85
5
5.15
V
REF Voltage Regulation
IREF = 0 to 10mA
25
50
mV
REF Current Limit
REF = 4.5V
15
20
mA
Under-Voltage Lock Out and shutdown (UVLO pin)
VUVLO
Under-voltage threshold
1.212
1.25
1.288
V
IUVLO
Hysteresis current
UVLO pin sinking
19
23
27
µA
Under-voltage Shutdown Threshold
UVLO voltage falling
0.3
V
Under-voltage Standby Enable
UVLO voltage rising
0.4
V
Threshold
(1)
All limits are ensured. All electrical characteristics having room temperature limits are tested during production with TA = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Typical specifications represent the most likely parametric norm at 25°C operation
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5035A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com