Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035AMH/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5035AMH/NOPB
Description  PWM Controller with Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035AMH/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5035AMH/NOPB Datasheet HTML 13Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 14Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 15Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 16Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 17Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 18Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 19Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 20Page - Texas Instruments LM5035AMH/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Maximum Duty Cycle =
2
TS - TD - T1
1
TS
RT =
x 6.25 x 10
9
1
FOSC
¨
©
§
- 110 ns
LM5035A
www.ti.com
SNVS537F – JANUARY 2008 – REVISED APRIL 2013
Oscillator, Sync Capability
The LM5035A oscillator frequency is set by a single external resistor connected between the RT and AGND pins.
To set a desired oscillator frequency, the necessary RT resistor is calculated from:
(2)
For example, if the desired oscillator frequency is 400kHz (HO and LO each switching at 200 kHz) a 15 k
Ω
resistor would be the nearest standard one percent value.
Each output (HO, LO, SR1 and SR2) switches at half the oscillator frequency. The voltage at the RT pin is
internally regulated to a nominal 2V. The RT resistor should be located as close as possible to the IC, and
connected directly to the pins (RT and AGND). The tolerance of the external resistor, and the frequency
tolerance indicated in the Electrical Characteristics, must be taken into account when determining the worst case
frequency range.
The LM5035A can be synchronized to an external clock by applying a narrow pulse to the RT pin. The external
clock must be at least 10% higher than the free-running oscillator frequency set by the RT resistor. If the external
clock frequency is less than the RT resistor programmed frequency, the LM5035A will ignore the synchronizing
pulses. The synchronization pulse width at the RT pin must be a minimum of 15 ns wide. The clock signal should
be coupled into the RT pin through a 100 pF capacitor or a value small enough to ensure the pulse width at RT
is less than 60% of the clock period under all conditions. When the synchronizing pulse transitions low-to-high
(rising edge), the voltage at the RT pin must be driven to exceed 3.2V volts from its nominal 2 VDC level. During
the clock signal’s low time, the voltage at the RT pin will be clamped at 2 VDC by an internal regulator. The
output impedance of the RT regulator is approximately 100
Ω. The RT resistor is always required, whether the
oscillator is free running or externally synchronized.
Gate Driver Outputs (HO & LO)
The LM5035A provides two alternating gate driver outputs, the floating high side gate driver HO and the ground
referenced low side driver LO. Each driver is capable of sourcing 1.25A and sinking 2A peak. The HO and LO
outputs operate in an alternating manner, at one-half the internal oscillator frequency. The LO driver is powered
directly by the VCC regulator. The HO gate driver is powered from a bootstrap capacitor connected between HB
and HS. An external diode connected between VCC (anode pin) and HB (cathode pin) provides the high side
gate driver power by charging the bootstrap capacitor from VCC when the switch node (HS pin) is low. When the
high side MOSFET is turned on, HB rises to a peak voltage equal to VVCC + VHS where VHS is the switch node
voltage.
The HB and VCC capacitors should be placed close to the pins of the LM5035A to minimize voltage transients
due to parasitic inductances since the peak current sourced to the MOSFET gates can exceed 1.25A. The
recommended value of the HB capacitor is 0.01 µF or greater. A low ESR / ESL capacitor, such as a surface
mount ceramic, should be used to prevent voltage droop during the HO transitions.
The maximum duty cycle for each output is limited to slightly less than 50% due to the internally fixed deadtime
and any programmed sync rectifier delay. The typical deadtime in this condition is 70 ns. The programmed sync
rectifier delay is determined by the DLY pin resistor. If the COMP pin is open circuit, the outputs will operate at
maximum duty cycle. The maximum duty cycle for each output can be calculated with the following equation:
(3)
Where TS is the period of one complete cycle for either the HO or LO outputs, TD is the internally fixed deadtime,
and T1 is the programmed sync rectifier delay. For example, if the oscillator frequency is 200 kHz, each output
will cycle at 100 kHz (TS = 10 µs). Using the nominal deadtime of 70 ns and no programmed delay, the maximum
duty cycle at this frequency is calculated to be 49.3%. Using a programmed sync rectifier delay of 100 ns, the
maximum duty cycle is reduced to 48.3%.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5035A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com