Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25115MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM25115MT/NOPB
Description  LM25115 Secondary Side Post Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25115MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM25115MT/NOPB Datasheet HTML 1Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 2Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 3Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 4Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 5Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 6Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 7Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 8Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM25115
www.ti.com
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, TJ = –40°C to +125°C, VBIAS = 12V, No Load on LO or HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SOFT-START
SS Source Impedance
43
60
77
k
Ω
SS Discharge Impedance
100
Ω
ERROR AMPLIFIER and FEEDBACK REFERENCE
VREF
FB Reference Voltage
Measured at FB pin
0.737
0.75
0.763
V
FB Input Bias Current
FB = 2V
0.2
0.5
µA
COMP Source Current
300
µA
Open Loop Voltage Gain
60
dB
GBW
Gain Bandwidth Product
4
MHz
Vio
Input Offset Voltage
-7
0
7
mV
COMP Offset
Threshold for VHO = high RAMP = CS =
2
V
VOUT = 0V
RAMP Offset
Threshold for VHO = high COMP = 1.5V,
1.1
V
CS = VOUT = 0V
CURRENT SENSE AMPLIFIER
Current Sense Amplifier Gain
16
V/V
Output DC Offset
1.27
V
Amplifier Bandwidth
500
kHz
CURRENT LIMIT
ILIMIT Amp Transconductance
16
mA / V
Overall Transconductance
237
mA / V
Positive Current Limit
VCL = VCS - VVOUT
37
45
53
mV
VOUT = 6V and CO/COMP = 1.5V
Positive Current Limit Foldback
VCL = VCS - VVOUT
31
38
45
mV
VOUT = 0V and CO/COMP = 1.5V
VCLneg
Negative Current Limit
VOUT = 6V
-17
mV
VCL = VCS - VVOUT to cause LO to
shutoff
RAMP GENERATOR
SYNC Input Impedance
2.5
k
Ω
SYNC Threshold
End of cycle detection threshold
15
µA
Free Run Mode Peak Threshold
RAMP peak voltage with dc current
2.3
V
applied to SYNC.
Current Mirror Gain
Ratio of RAMP charge current to SYNC
2.7
3.3
A/A
input current.
Discharge Impedance
100
Ω
LOW SIDE GATE DRIVER
VOLL
LO Low-state Output Voltage
ILO = 100mA
0.2
0.5
V
VOHL
LO High-state Output Voltage
ILO = -100mA, VOHL = VCC -VLO
0.4
0.8
V
LO Rise Time
CLOAD = 1000pF
15
ns
LO Fall Time
CLOAD = 1000pF
12
ns
IOHL
Peak LO Source Current
VLO = 0V
2
A
IOLL
Peak LO Sink Current
VLO = 12V
2.5
A
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com