Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25115MT/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM25115MT/NOPB
Description  LM25115 Secondary Side Post Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25115MT/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM25115MT/NOPB Datasheet HTML 10Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 11Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 12Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 13Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 14Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 15Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 16Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 17Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LM25115
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
Negative Current Limit
When inductor current flows from the regulator output through the low side MOSFET, the input to the current
sense comparator becomes negative. The intent of the negative current comparator is to protect the low-side
MOSFET from excessive currents. Negative current can lead to large negative voltage spikes on the output at
turn off which can damage circuitry powered by the output. The negative current comparator threshold is
sufficiently negative to allow inductor current to reverse at no load or light load conditions. It is not intended to
support discontinuous conduction mode with diode emulation by the low-side MOSFET. The negative current
comparator illustrated in Figure 15 monitors the CV signal and compares this signal to a fixed 1V threshold. This
corresponds to a negative VCL voltage between CS and VOUT of -17mV. The negative current limit comparator
turns off the low-side MOSFET for the remainder of the cycle when the VCL input falls below this threshold.
Gate Drivers Outputs (HO & LO)
The LM25115 provides two gate driver outputs, the floating high-side gate driver HO and the synchronous
rectifier low-side driver LO. The low-side driver is powered directly by the VCC regulator. The high-side gate
driver is powered from a bootstrap capacitor connected between HB and HS. An external diode connected
between VCC and HB charges the bootstrap capacitor when the HS is low. When the high-side MOSFET is
turned on, HB rises with HS to a peak voltage equal to VCC + VHS - VD where VD is the forward drop of the
external bootstrap diode. Both output drivers have adaptive dead-time control to avoid shoot through currents.
The adaptive dead-time control circuit monitors the state of each driver to ensure that the opposing MOSFET is
turned off before the other is turned on. The HB and VCC capacitors should be placed close to the pins of the
LM25115 to minimize voltage transients due to parasitic inductances and the high peak output currents of the
drivers. The recommended range of the HB capacitor is 0.047µF to 0.22µF.
Both drivers are controlled by the PWM logic signal from the PWM latch. When the phase signal is low, the
outputs are held in the reset state with the low-side MOSFET on and the high-side MOSFET off. When the phase
signal switches to the high state, the PWM latch reset signal is de-asserted. The high-side MOSFET remains off
until the PWM latch is set by the PWM comparator (CRMIX > CV as shown in Figure 13). When the PWM latch
is set, the LO driver turns off the low-side MOSFET and the HO driver turns on the high-side MOSFET. The high-
side pulse is terminated when the phase signal falls and the SYNC input comparator resets the PWM latch.
Free-Run Mode
The LM25115 can be operated as a conventional synchronous buck controller with a dc input supply instead of
the square wave phase signal. In the dc or free-run mode, the LM25115 PWM controller synchronizes to an
internal clock signal instead of the phase signal pulses. The clock frequency in the free-run mode is programmed
by the SYNC pin resistor and RAMP pin capacitor. Connecting a resistor between a dc bias supply and the
SYNC pin produces a current ISYNC which controls the charging current of the RAMP pin capacitor . The RAMP
capacitor is charged until its voltage reaches the free-run mode peak threshold of 2.25V. The RAMP capacitor is
then discharged for 300ns before beginning a new PWM cycle. The 300ns reset time of the RAMP pin sets the
minimum off time of the PWM controller in the free-run mode. The internal clock frequency in the free-run mode
is set by the synchronization current, ramp capacitor, free-run peak threshold, and 300ns deadtime.
FCLK ≊ 1 / ((CRAMP x 2.25V) / (ISYNC x 3) + 300ns)
Note that the VCC supply can be used as the dc bias to produce ISYNC. Note that the input voltage feedforward is
no longer functional in this operating mode, so the loop gain will vary as a function of Vin. The LM25115 controls
the buck power stage with leading edge pulse width modulaton to hold off the high-side driver until the necessary
volt*seconds is established for regulation. Other features described for the secondary side post regulator apply in
the free run mode operation. They include voltage mode control with current injection, positive and negative
current limit, programmable soft-start, adaptive delays for outputs, and thermal protection.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event the maximum junction
temperature limit is exceeded. When activated, typically at 165 degrees Celsius, the controller is forced into a low
power standby state with the output drivers and the bias regulator disabled. The device will restart when the
junction temperature falls below the thermal shutdown hysteresis, which is typically 25 degrees. The thermal
protection feature is provided to prevent catastrophic failures from accidental device overheating.
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM25115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com