Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25115MT/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM25115MT/NOPB
Description  LM25115 Secondary Side Post Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25115MT/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM25115MT/NOPB Datasheet HTML 5Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 6Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 7Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 8Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 9Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 10Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 11Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 12Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SYNC
CLK
RAMP
BUFFER
2.5K
15 PA
CLK
Isync
Isync x 3
2.5k
Phase
Signal
R
SYNC
C
RAMP
LM25115
www.ti.com
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
DETAILED OPERATING DESCRIPTION
The LM25115 controller contains all of the features necessary to implement multiple output power converters
utilizing the Secondary Side Post Regulation (SSPR) technique. The SSPR technique develops a highly efficient
and well regulated auxiliary output from the secondary side switching waveform of an isolated power converter.
Regulation of the auxiliary output voltage is achieved by leading edge pulse width modulation (PWM) of the main
channel duty cycle. Leading edge modulation is compatible with either current mode or voltage mode control of
the main output. The LM25115 drives external high side and low side NMOS power switches configured as a
synchronous buck regulator. A current sense amplifier provides overload protection and operates over a wide
common mode input range from 0V to 13.5V. Additional features include a low dropout (LDO) bias regulator,
error amplifier, precision reference, adaptive dead time control of the gate driver signals and thermal shutdown. A
programmable oscillator provides a PWM clock signal when the LM25115 is powered by a dc input (free-run
mode) instead of the phase signal of the main channel converter (SSPR mode).
Low Drop-out Bias Regulator (VCC)
The LM25115 contains an internal LDO regulator that operates over an input supply range from 4.5V to 30V. The
output of the regulator at the VCC pin is nominally regulated at 7V and is internally current limited to 40mA. VCC
is the main supply to the internal logic, PWM controller, and gate driver circuits. When power is applied to the
VBIAS pin, the regulator is enabled and sources current into an external capacitor connected to the VCC pin.
The recommended output capacitor range for the VCC regulator is 0.1uF to 100uF. When the voltage at the VCC
pin reaches the VCC under-voltage lockout threshold of 4.25V, the controller is enabled. The controller is
disabled if VCC falls below 4.0V (250mV hysteresis). In applications where an appropriate regulated dc bias
supply is available, the LM25115 controller can be powered directly through the VCC pin instead of the VBIAS
pin. In this configuration, it is recommended that the VCC and the VBIAS pins be connected together such that
the external bias voltage is applied to both pins. The allowable VCC range when biased from an external supply
is 4.5V to 7V.
Synchronization (SYNC) and Feed-forward (RAMP)
The pulsing “phase signal” from the main converter synchronizes the PWM ramp and gate drive outputs of the
LM25115. The phase signal is the square wave output from the transformer secondary winding before
rectification (Figure 1). A resistor connected from the phase signal to the low impedance SYNC pin produces a
square wave current (ISYNC) as shown in Figure 11. A current comparator at the SYNC input monitors ISYNC
relative to an internal 15µA reference. When ISYNC exceeds 15µA, the internal clock signal (CLK) is reset and the
capacitor connected to the RAMP begins to charge. The current source that charges the RAMP capacitor is
equal to 3 times the ISYNC current. The falling edge of the phase signal sets the CLK signal and discharges the
RAMP capacitor until the next rising edge of the phase signal. The RAMP capacitor is discharged to ground by a
low impedance (100
Ω) n-channel MOSFET. The input impedance at SYNC pin is 2.5kΩ which is normally much
less than the external SYNC pin resistance.
Figure 11. Line Feed-forward Diagram
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com