Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25115MT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM25115MT/NOPB
Description  LM25115 Secondary Side Post Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25115MT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM25115MT/NOPB Datasheet HTML 1Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 2Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 3Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 4Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 5Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 6Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 7Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 8Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Main
Output
3.3V
VBIAS
FB
AGND
COMP
Sync
VCC
SS
HB
HO
HS
LO
PGND
VOUT
CO
CS
RAMP
Auxiliary
Output
2.0V
+12V
RS
FEEDBACK
Main Converter
PWM Controller
INPUT
Phase Signal
LM25115
www.ti.com
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
LM25115 Secondary Side Post Regulator Controller
Check for Samples: LM25115
1
FEATURES
DESCRIPTION
The LM25115 controller contains all of the features
2
•
Self-synchronization to Main Channel Output
necessary
to
implement
multiple
output
power
•
Free-run Mode for Buck Regulation of DC
converters
utilizing
the
Secondary
Side
Post
Input
Regulation (SSPR) technique. The SSPR technique
•
Leading Edge Pulse Width Modulation
develops a highly efficient and well regulated auxiliary
output from the secondary side switching waveform of
•
Voltage-mode Control with Current Injection
an isolated power converter. Regulation of the
and Input Line Feed-forward
auxiliary output voltage is achieved by leading edge
•
Operates from AC or DC Input up to 42V
pulse width modulation (PWM) of the main channel
•
Wide 4.5V to 30V Bias Supply Range
duty cycle. Leading edge modulation is compatible
with either current mode or voltage mode control of
•
Wide 0.75V to 13.5V Output Range.
the main output. The LM25115 drives external high
•
Top and Bottom Gate Drivers Sink 2.5A Peak
side and low side NMOS power switches configured
•
Adaptive Gate Driver Dead-time Control
as a synchronous buck regulator. A current sense
amplifier provides overload protection and operates
•
Wide Bandwidth Error Amplifier (4MHz)
over a wide common mode input range. Additional
•
Programmable Soft-start
features include a low dropout (LDO) bias regulator,
•
Thermal Shutdown Protection
error amplifier, precision reference, adaptive dead
time
control
of
the
gate
signals
and
thermal
•
TSSOP-16 or Thermally Enhanced WSON-16
shutdown.
Packages
Typical Application Circuit
Figure 1. Simplified Multiple Output Power Converter Utilizing SSPR Technique
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM25115MT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25115MT/NOPB TI2-LM25115MT/NOPB Datasheet
640Kb / 26P
LM25115 Secondary Side Post Regulator Controller
REVISED APRIL 2013
LM25115MT/NOPB.A TI2-LM25115MT/NOPB.A Datasheet
640Kb / 26P
LM25115 Secondary Side Post Regulator Controller
REVISED APRIL 2013
LM25115MT/NOPB.B TI2-LM25115MT/NOPB.B Datasheet
640Kb / 26P
LM25115 Secondary Side Post Regulator Controller
REVISED APRIL 2013
More results

Similar Description - LM25115MT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
Secondary Side Post Regulator Controller
logo
Texas Instruments
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
Switch Mode Secondary Side Post Regulator
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
logo
Linear Technology
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
Secondary Side Synchronous Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com