Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25115MT/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM25115MT/NOPB
Description  LM25115 Secondary Side Post Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25115MT/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM25115MT/NOPB Datasheet HTML 8Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 9Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 10Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 11Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 12Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 13Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 14Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 15Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Main
PWM
Auxilary
PWM
Transformer
Current
Trailing Edge
Modulation
Leading Edge
Modulation
Peak Current
Threshold
Peak Current
Threshold
Main
PWM
Auxilary
PWM
Transformer
Current
LM25115
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
Leading edge modulation of the auxiliary PWM controller is required if the main converter is implemented with
peak current mode control. If trailing edge modulation were used, the additional load on the transformer
secondary from the auxiliary channel would be drawn only during the first portion of the phase signal pulse.
Referring to Figure 14, the turn off the high side MOSFET of the auxiliary regulator would create a non-
monotonic negative step in the transformer current. This negative current step would produce instability in a peak
current mode controller. With leading edge modulation, the additional load presented by the auxiliary regulator on
the transformer secondary will be present during the latter portion of the phase signal. This positive step in the
phase signal current can be accommodated by a peak current mode controller without instability.
Figure 14. Leading versus Trailing Edge Modulation
Voltage Mode Control with Current Injection
The LM25115 controller uniquely combines elements and benefits of current mode control in a voltage mode
PWM controller. The current sense amplifier shown in Figure 15 monitors the inductor current as it flows through
a sense resistor connected between CS and VOUT. The voltage gain of the sense amplifier is nominally equal to
16. The current sense output signal is shifted by 1.27V to produce the internal CV reference signal. The CV
signal is applied to the negative input of the PWM comparator and compared to CRMIX as illustrated in
Figure 13. Thus the PWM threshold of the voltage mode controller (CV) varies with the instantaneous inductor
current. Insure that the Vbias voltage is at least 3V above the regulated output voltage (VOUT).
Injecting a signal proportional to the instantaneous inductor current into a voltage mode controller improves the
control loop stability and bandwidth. This current injection eliminates the lead R-C lead network in the feedback
path that is normally required with voltage mode control (see Figure 16). Eliminating the lead network not only
simplifies the compensation, but also reduces sensitivity to output noise that could pass through the lead network
to the error amplifier.
The design of the voltage feedback path through the error amp begins with the selection of R1 and R2 in
Figure 16 to set the regulated output voltage. The steady state output voltage after soft-start is determined by the
following equation:
VOUT(final) = 0.75V x (1+R1/R2)
The parallel impedance of the R1, R2 resistor divider should be approximately 2k
Ω (between 0.5kΩ and 5kΩ).
Lower resistance values may not be properly driven by the error amplifier output and higher feedback resistances
can introduce noise sensitivity. The next step in the design process is selection of R3, which sets the ac gain of
the error amplifier. The ac gain is given by the following equation and should be set to a value less than 30.
GAIN(ac) = R3/(R1|| R2) < 30
The capacitor C1 is connected in series with R3 to increase the dc gain of the voltage regulation loop and
improve output voltage accuracy. The corner frequency set by R3 x C1 should be less than 1/10th of the cross-
over frequency of the overall converter such that capacitor C1 does not add phase lag at the crossover
frequency. Capacitor C2 is added to reduce the noise in the voltage control loop. The value of C2 should be less
than 500pF and C2 may not be necessary with very careful PC board layout.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM25115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com