Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25115MT/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM25115MT/NOPB
Description  LM25115 Secondary Side Post Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25115MT/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM25115MT/NOPB Datasheet HTML 9Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 10Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 11Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 12Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 13Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 14Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 15Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 16Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ERROR
AMP
SS
FB
40k
100k
0.75V
60k
R1
R2
R3
CSS
C2
C1
PWM
VOUT
COMP
CV
No Lead
Network
Required
CS
VOUT
Current
Sense Amp
1.27V
CV
CO
Gm = 15 mA/V
Negative Current
Comparator
1V
Current
Limit Amp
2V
PWM
Comparator
CRMIX
to PWM
Latch
Low Side
Enable
= 16
AV
VCL
Vbias
LM25115
www.ti.com
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
Figure 15. Current Sensing and Limiting
Figure 16. Voltage Sensing and Feedback
Current Limiting (CS, CO and VOUT)
Current limiting is implemented through the current sense amplifier as illustrated in Figure 15. The current sense
amplifier monitors the inductor current that flows through a sense resistor connected between CS and VOUT.
The voltage gain of the current sense amplifier is nominally equal to 16. The output of current sense amplifier is
level shifted by 1.27V to produce the internal CV reference signal. The CV signal drives a current limit amplifier
with nominal transconductance of 16mA/V. The current limit amplifier has an open drain (sink only) output stage
and its output pin, CO is typically connected to the COMP pin. During normal operation, the voltage error
amplifier controls the COMP pin voltage which adjusts the PWM duty cycle by varying the internal CRMIX level
(Figure 13). However, when the current sense input voltage VCL exceeds 45mV, the current limit amplifier pulls
down on COMP through the CO pin. Pulling COMP low reduces the CRMIX signal below the CV signal level.
When CRMIX does not exceed the CV signal, the PWM comparator inhibits output pulses until the CRMIX signal
increases to a normal operating level.
A current limit fold-back feature is provided by the LM25115 to reduce the peak output current delivered to a
shorted load. When the common mode input voltage to the current sense amplifier (CS and VOUT pins) falls
below 2V, the current limit threshold is reduced from the normal level. At common mode voltages > 2V, the
current limit threshold is nominally 45mV. When VOUT is reduced to 0V the current limit threshold drops to 36mV
to reduce stress on the inductor and power MOSFETs.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM25115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com