Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF102AP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REF102AP
Description  10V Precision Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF102AP Datasheet(HTML) 5 Page - Texas Instruments

  REF102AP Datasheet HTML 1Page - Texas Instruments REF102AP Datasheet HTML 2Page - Texas Instruments REF102AP Datasheet HTML 3Page - Texas Instruments REF102AP Datasheet HTML 4Page - Texas Instruments REF102AP Datasheet HTML 5Page - Texas Instruments REF102AP Datasheet HTML 6Page - Texas Instruments REF102AP Datasheet HTML 7Page - Texas Instruments REF102AP Datasheet HTML 8Page - Texas Instruments REF102AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REF102
5
SBVS022B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +15V, unless otherwise noted.
TYPICAL REF102 REFERENCE NOISE
6
4
2
0
−2
−4
−6
Low Frequency Noise (1s/div)
(See Noise Test Circuit)
–
+
OPA227
DUT
Noise Test Circuit.
100
µF
15.8k
Ω
20
Ω
2k
Ω
8k
Ω
2
µF
Oscilloscope
Gain = 100V/V
f
= 0.1Hz and 10Hz
−3dB
THEORY OF OPERATION
Refer to the diagram on the first page of this data sheet. The
10V output is derived from a compensated buried zener
diode DZ1, op amp A1, and resistor network R1 – R6.
Approximately 8.2V is applied to the non-inverting input of A1
by DZ1. R1, R2, and R3 are laser-trimmed to produce an exact
10V output. The zener bias current is established from the
regulated output voltage through R4. R5 allows user-trimming
of the output voltage by providing for small external adjust-
ment of the amplifier gain. Because the temperature coeffi-
cient (TCR) of of R5 closely matches the TCR of R1, R2 and
R3 , the voltage trim has minimal effect on the reference drift.
The output voltage noise of the REF102 is dominated by the
noise of the zener diode. A capacitor can be connected
between the Noise Reduction pin and ground to form a low-
pass filter with R6 and roll off the high-frequency noise of the
zener.
DISCUSSION
OF PERFORMANCE
The REF102 is designed for applications requiring a preci-
sion voltage reference where both the initial value at room
temperature and the drift over temperature are of importance
to the user. Two basic methods of specifying voltage refer-
ence drift versus temperature are in common usage in the
industry—the
butterfly method and the box method. The
REF102 is specified by the more commonly-used
box method.
The
box is formed by the high and low specification tempera-
tures and a diagonal, the slope of which is equal to the
maximum specified drift.
Since the shape of the actual drift curve is not known, the
vertical position of the box is not known, either. It is, however,
bounded by VUPPER BOUND and VLOWER BOUND (see Figure 1).
Figure 1 uses the REF102CU as an example. It has a drift
specification of 2.5ppm/
°C maximum and a specification
temperature range of –25
°C to +85°C. The box height,
V1 to V2, is 2.75mV.
REF102CU V
UPPER BOUND
+10.00275
V1
V
NOMINAL
+10.0000
2.75mV
Worst-case
∆V
OUT for
REF102CU
V2
+9.99725
REF102CU V
LOWER BOUND
−25
0
+25
+50
+85
Temperature (
°C)
FIGURE 1. REF102CU Output Voltage Drift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com