Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF102AP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF102AP
Description  10V Precision Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF102AP Datasheet(HTML) 2 Page - Texas Instruments

  REF102AP Datasheet HTML 1Page - Texas Instruments REF102AP Datasheet HTML 2Page - Texas Instruments REF102AP Datasheet HTML 3Page - Texas Instruments REF102AP Datasheet HTML 4Page - Texas Instruments REF102AP Datasheet HTML 5Page - Texas Instruments REF102AP Datasheet HTML 6Page - Texas Instruments REF102AP Datasheet HTML 7Page - Texas Instruments REF102AP Datasheet HTML 8Page - Texas Instruments REF102AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REF102
2
SBVS022B
www.ti.com
MAX INITIAL
MAX DRIFT
PACKAGE
PACKAGE
PRODUCT
ERROR (mV)
(PPM/
°C)
PACKAGE-LEAD
DESIGNATOR
MARKING
REF102AU
±10
±10
SO-8
D
REF102AU
REF102AP
±10
±10
DIP-8
P
REF102AP
REF102BU
±5
±5
SO-8
D
REF102BU
REF102BP
±5
±5
DIP-8
P
REF102BP
REF102CU
±2.5
±2.5
SO-8
D
REF102CU
REF102CP
±2.5
±2.5
DIP-8
P
REF102CP
PIN CONFIGURATIONS
Top View
DIP, SO
Input Voltage ...................................................................................... +40V
Operating Temperature
P, U ................................................................................. –25
°C to +85°C
Storage Temperature Range
P, U ............................................................................... –40
°C to +125°C
Short-Circuit Protection to Common or V+ .............................. Continuous
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI website at www.ti.com.
8
7
6
5
1
2
3
4
NC = Not Connected
Noise Reduction
NC
V
OUT
Trim
NC
V+
Com
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com