Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF102AP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # REF102AP
Description  10V Precision Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF102AP Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF102AP Datasheet HTML 4Page - Texas Instruments REF102AP Datasheet HTML 5Page - Texas Instruments REF102AP Datasheet HTML 6Page - Texas Instruments REF102AP Datasheet HTML 7Page - Texas Instruments REF102AP Datasheet HTML 8Page - Texas Instruments REF102AP Datasheet HTML 9Page - Texas Instruments REF102AP Datasheet HTML 10Page - Texas Instruments REF102AP Datasheet HTML 11Page - Texas Instruments REF102AP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REF102
8
SBVS022B
www.ti.com
FIGURE 7. +10V Reference With Output Current Boosted to: a)
±20mA, b) +100mA, and c) I
L (TYP) +10mA, –5A.
+
OPA227
6
220
+10V
I
L
6
+10V
I
L
2N2905
6
+10V
I
L
4
REF102
V+
a)
−20mA < I
L < +20mA
(OPA227 also improves transient immunity)
b)
−5mA < I
L < +100mA
c) I
L (MAX) = IL (TYP) +10mA
I
L (MIN) = IL (TYP) −5mA
V
CC − 10V
I
L (TYP)
R
1 =
2
4
REF102
V+
2
4
REF102
V+
2
+
INA126
V
x100
2
4
6
+15V
−5V
–15V
357
1/2W
2
3
OPA227
+
357
1/2W
28mA
28.5mA
+5V
350
Strain
Gauge Bridge
5
10
8
R
G
OUT
6
REF102
V+
REF102
6
4
2
3
See SBVA007 for more details.
1
25k
25k
25k
25k
INA105
5
6
+10V
Out
−10V
Out
2
+
LOAD
I
OUT
Can be connected
to ground or
−V .
S
V+
REF102
2
6
4
OPA277
R
I
OUT =
, R
≥ 1kΩ
See SBVA001 for more details and I
SINK Circuit.
10V
R
FIGURE 8. Strain Gauge Conditioner for 350
Ω Bridge.
FIGURE 9.
±10V Reference.
FIGURE 10. Positive Precision Current Source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com