Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF102AP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # REF102AP
Description  10V Precision Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF102AP Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF102AP Datasheet HTML 5Page - Texas Instruments REF102AP Datasheet HTML 6Page - Texas Instruments REF102AP Datasheet HTML 7Page - Texas Instruments REF102AP Datasheet HTML 8Page - Texas Instruments REF102AP Datasheet HTML 9Page - Texas Instruments REF102AP Datasheet HTML 10Page - Texas Instruments REF102AP Datasheet HTML 11Page - Texas Instruments REF102AP Datasheet HTML 12Page - Texas Instruments REF102AP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REF102
9
SBVS022B
www.ti.com
+30V
6
31.4V to 56V
2
4
6
2
6
2
4
+20V
+10V
REF102
4
REF102
REF102
NOTES: (1) REF102s can be stacked to obtain voltages in multiples of 10V.
(2) The supply voltage should be between 10n + 1.4 and 10n + 26, where
n is
the number of REF102s. (3) Output current of each REF102 must not exceed
its rated output current of +10,
−5mA. This includes the current delivered to
the lower REF102.
–
+
2
4
6
+5V
Out
INA105
2
5
1
3
6
–5V
Out
REF102
V+
–
+
2
4
6
+10V
+5V
INA105
5
1
3
6
2
REF102
V+
Ω
–
+
OPA227
6
2k
+10V
REF102
(2)
2
R
1k
1
4
V
OUT 2
Ω
REF
V
C
1
1
µF
C
2
1
µF
R
2
2k
Ω
V
REF =(V01 + V02 … VOUT N)
N
e
N = 5µVPP (f = 0.1Hz to 1MHz)
See SBVA002 for more details.
√N
2
3
Ω
6
2k
REF102
(1)
2
4
V
OUT 1
Ω
6
2k
V
OUT N
V+
REF102
(N)
2
4
V+
V+
FIGURE 11. Stacked References.
FIGURE 12.
±5V Reference.
FIGURE 13. +5V and +10V Reference.
FIGURE 14. Precision Voltage Reference with Extremely
Low Noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com