Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF102AP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF102AP
Description  10V Precision Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF102AP Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF102AP Datasheet HTML 3Page - Texas Instruments REF102AP Datasheet HTML 4Page - Texas Instruments REF102AP Datasheet HTML 5Page - Texas Instruments REF102AP Datasheet HTML 6Page - Texas Instruments REF102AP Datasheet HTML 7Page - Texas Instruments REF102AP Datasheet HTML 8Page - Texas Instruments REF102AP Datasheet HTML 9Page - Texas Instruments REF102AP Datasheet HTML 10Page - Texas Instruments REF102AP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REF102
7
SBVS022B
www.ti.com
OPTIONAL NOISE REDUCTION
The high-frequency noise of the REF102 is dominated by the
zener diode noise. This noise can be greatly reduced by
connecting a capacitor between the Noise Reduction pin and
ground. The capacitor forms a low-pass filter with R6 (refer to
the figure on page 1) and attenuates the high-frequency
noise generated by the zener. Figure 5 shows the effect of a
1
µF noise reduction capacitor on the high-frequency noise of
the REF102. R6 is typically 7kΩ so the filter has a –3dB
frequency of about 22Hz. The result is a reduction in noise
from about 800
µV
PP to under 200µVPP. If further noise
reduction is required, use the circuit in Figure 14.
APPLICATIONS INFORMATION
High accuracy, extremely low drift, outstanding stability, and
low cost make the REF102 an ideal choice for all instrumen-
tation and system reference applications. Figures 6 through
14 show a variety of useful application circuits.
6
b) Precision –10V Reference.
a) Resistor Biased –10V Reference
R
S
I
L
4
REF102
2
−10V Out
See SBVA008 for more detail.
V+ (1.4V to 26V)
1.4mA <
< 5.4mA
(5V
−I
L)
R
S
2
6
4
10V
OPA227
R
1
2k
Ω
C
1000pF
1
−10V Out
−15V
REF102
V+ (1.4V to 26V)
FIGURE 6. –10V Reference Using a) Resistor or b) OPA227.
NO C
N
C
N = 1µF
FIGURE 5. Effect of 1
µF Noise Reduction Capacitor on
Broadband Noise (f–3dB = 1MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com