Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF102AP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF102AP
Description  10V Precision Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF102AP Datasheet(HTML) 3 Page - Texas Instruments

  REF102AP Datasheet HTML 1Page - Texas Instruments REF102AP Datasheet HTML 2Page - Texas Instruments REF102AP Datasheet HTML 3Page - Texas Instruments REF102AP Datasheet HTML 4Page - Texas Instruments REF102AP Datasheet HTML 5Page - Texas Instruments REF102AP Datasheet HTML 6Page - Texas Instruments REF102AP Datasheet HTML 7Page - Texas Instruments REF102AP Datasheet HTML 8Page - Texas Instruments REF102AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REF102
3
SBVS022B
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C and VS = +15V power supply, unless otherwise noted.
REF102A
REF102B
REF102C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
Initial
TA = 25°C
9.99
10.01
9.995
10.005
9.9975
10.0025
V
vs Temperature (1)
10
5
2.5
ppm/
°C
vs Supply
(Line Regulation)
VS = 11.4V to 36V
2
1
1
ppm/V
vs Output Current
(Load Regulation)
IL = 0mA to +10mA
20
10
10
ppm/mA
IL = 0mA to –5mA
40
20
20
ppm/mA
vs Time
TA = +25°C
M Package
5
✻✻
ppm/1000hr
P, U Packages (2)
20
✻
ppm/1000hr
Trim Range (3)
±3
✻✻
%
Capacitive Load, max
1000
✻✻
pF
NOISE
0.1Hz to 10Hz
5
✻✻
µV
PP
OUTPUT CURRENT
+10, –5
✻✻
mA
INPUT VOLTAGE
RANGE
+11.4
+36
✻✻
✻
✻
V
QUIESCENT CURRENT
IOUT = 0
+1.4
✻✻
mA
WARM-UP TIME (4)
To 0.1%
15
✻✻
µs
TEMPERATURE
RANGE
Specification
REF102A, B, C
–25
+85
✻✻
✻
✻
°C
✻ Specifications same as REF102A.
NOTES: (1) The
box method is used to specify output voltage drift vs temperature; see the Discussion of Performance section.
(2) Typically 5ppm/1000hrs after 168hr powered stabilization.
(3) Trimming the offset voltage affects drift slightly. See Installation and Operating Instructions for details.
(4) With noise reduction pin floating. See Typical Characteristics for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com