Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3164RUZ-R71 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADP3164RUZ-R71
Description  5-Bit Programmable 4-Phase Synchronous Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3164RUZ-R71 Datasheet(HTML) 5 Page - ON Semiconductor

  ADP3164RUZ-R71 Datasheet HTML 1Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 2Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 3Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 4Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 5Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 6Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 7Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 8Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
REV. 0
–5–
Typical Performance Characteristics–ADP3164
CT CAPACITANCE – pF
10
0.1
0
100
50
1
150
250
200
300
TPC 1. Oscillator Frequency vs. Timing Capacitor (CT)
OSCILLATOR FREQUENCY – kHz
4.5
4.0
0
1000
500
4.4
1500
2500
2000
3000
4.3
4.2
4.1
TPC 2. Supply Current vs. Oscillator Frequency
OUTPUT ACCURACY – % of Nominal
25
0
–0.5
20
00.5
15
10
5
TA = 25 C
VOUT = 1.6V
TPC 3. Output Accuracy Distribution
Rev. 1 | Page 5 of 15 | www.onsemi.com
Rev. 2 | Page 5 of 15 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com