Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3164RUZ-R71 Datasheet(PDF) 14 Page - ON Semiconductor

Part # ADP3164RUZ-R71
Description  5-Bit Programmable 4-Phase Synchronous Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3164RUZ-R71 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button ADP3164RUZ-R71 Datasheet HTML 7Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 8Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 9Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 10Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 11Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 12Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 13Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 14Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ADP3164
13. Whenever a power dissipating component (e.g., a power
MOSFET) is soldered to a PCB, the liberal use of vias,
both directly on the mounting pad and immediately sur-
rounding it, is recommended. Two important reasons for
this are: improved current rating through the vias, and
improved thermal performance from vias extended to the
opposite side of the PCB where a plane can more readily
transfer the heat to the air.
14. The output power path, though not as critical as the switch-
ing power path, should also be routed to encompass a small
area. The output power path is formed by the current path
through the inductor, the current sensing resistor, the out-
put capacitors, and back to the input capacitors.
15. For best EMI containment, the power ground plane should
extend fully under all the power components except the out-
put capacitors. These components are: the input capacitors,
the power MOSFETs and Schottky diodes, the inductors,
the current sense resistor, and any snubbing element that
might be added to dampen ringing. Avoid extending the
power ground under any other circuitry or signal lines,
including the voltage and current sense lines.
Signal Circuitry
16. The output voltage is sensed and regulated between the FB
pin and the GND pin (which connects to the signal ground
plane). The output current is sensed (as a voltage) by the
CS+ and CS– pins. In order to avoid differential mode
noise pickup in the sensed signal, the loop area should be
small. Thus the FB trace should be routed atop the signal
ground plane, and the CS+ and CS– pins (the CS+ pin
should be over the signal ground plane as well).
17. The CS+ and CS– traces should be Kelvin-connected to
the current sense resistor, so that the additional voltage
drop due to current flow on the PCB at the current sense
resistor connections, does not affect the sensed voltage.
Rev. 2 | Page 14 of 15 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com