Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3164RUZ-R71 Datasheet(PDF) 11 Page - ON Semiconductor

Part # ADP3164RUZ-R71
Description  5-Bit Programmable 4-Phase Synchronous Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3164RUZ-R71 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ADP3164RUZ-R71 Datasheet HTML 7Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 8Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 9Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 10Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 11Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 12Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 13Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 14Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
REV. 0
ADP3164
–11–
COUT Selection
The required equivalent series resistance (ESR) and capacitance
drive the selection of the type and quantity of the output capaci-
tors. The ESR must be less than or equal to the specified output
resistance (ROUT), in this case 0.95 m . The capacitance must
be large enough that the voltage across the capacitors, which is
the sum of the resistive and capacitive voltage deviations, does
not deviate beyond the initial resistive step while the inductor
current ramps up or down to the value corresponding to the
new load current.
One can, for example, use thirteen SP-Type OS-CON capaci-
tors from Sanyo, with 820 F capacitance, a 4 V voltage rating,
and 12 m
ESR. The ten capacitors have a maximum total ESR
of 0.92 m
when connected in parallel.
As long as the capacitance of the output capacitor bank is above
a critical value and the regulating loop is compensated with
Analog Devices’ proprietary compensation technique (ADOPT),
the actual capacitance value has no influence on the peak-to-
peak deviation of the output voltage to a full step change in the
load current. The critical capacitance can be calculated as follows:
C
I
RV
L
n
A
mV
nH
mF
OUT CRIT
O
OUT
OUT
()
..
.
80
0 95
1 475
600
4
856
(13)
The critical capacitance limit for this circuit is 8.56 mF, while
the actual capacitance of the thirteen OS-CON capacitors is
13
820 F = 10.66 mF. In this case, the capacitance is safely
above the critical value.
Multilayer ceramic capacitors are also required for high-frequency
decoupling of the processor. The exact number of these MLC
capacitors is a function of the board layout space and parasitics.
Typical designs use twenty to thirty 10 F MLC capacitors
located as close to the processor power pins as is practical.
Feedback Loop Compensation Design for ADOPT
Optimized compensation of the ADP3164 allows the best pos-
sible containment of the peak-to-peak output voltage deviation.
Any practical switching power converter is inherently limited by
the inductor in its output current slew rate to a value much less
than the slew rate of the load. Therefore, any sudden change of
load current will initially flow through the output capacitors,
and assuming that the capacitance of the output capacitor is
larger than the critical value defined by Equation 13, this will
produce a peak output voltage deviation equal to the ESR of the
output capacitor times the load current change.
The optimal implementation of voltage positioning, ADOPT,
will create an output impedance of the power converter that is
entirely resistive over the widest possible frequency range, includ-
ing dc, and equal to the maximum acceptable ESR of the output
capacitor array. With the resistive output impedance, the output
voltage will droop in proportion with the load current at any load
current slew rate; this ensures the optimal positioning and allows
the minimization of the output capacitor bank.
With an ideal current-mode-controlled converter, where the
average inductor current would respond without delay to the
command signal, the resistive output impedance could be
achieved by having a single-pole roll-off of the voltage gain of
the voltage-error amplifier. The pole frequency must coincide
with the ESR zero of the output capacitor bank. The ADP3164
uses constant frequency current-mode control, which is known
to have a nonideal, frequency-dependent command signal to
inductor current transfer function. The frequency dependence
manifests in the form of a pair of complex conjugate poles at
one-half of the switching frequency. A purely resistive output
impedance could be achieved by canceling the complex conjugate
poles with zeros at the same complex frequencies and adding a
third pole equal to the ESR zero of the output capacitor. Such
compensating network would be quite complicated. Fortunately, i
practice it is sufficient to cancel the pair of complex conjugate
poles with a single real zero placed at one-half of the switching
frequency. Although the end result is not a perfectly resistive
output impedance, the remaining frequency dependence causes
only a small percentage of deviation from the ideal resistive
response. The single-pole and single-zero compensation can easily
be implemented by terminating the gm error amplifier with the
parallel combination of a resistor (RT) and a series RC network
The value of the terminating resistor RT was previously deter-
mined; the capacitance and resistance of the series RC network
are calculated as follows:
C
CR
R
n
fR
C
mF
m
k
kHz
k
nF
OC
OUT
OUT
T
OSC
T
OC
10 7
0 92
748
4
800
7 48
11
..
..
.
(14
The nearest standard value of COC is 1 nF. The resistance of th
zero-setting resistor in series with the compensating capacitor is
R
n
f
C
kHz
nF
k
Z
OSC
OC
4
800
1
159
.
(15
The nearest standard 5% resistor value is 1.5 k . Note that this
resistor is only required when COUT approaches CCRIT (within
25% or less). In this example, COUT is approaching CCRIT, so
RZ should be included.
Power MOSFETs
In this example, eight N-channel power MOSFETs must be used;
four as the main (control) switches, and the remaining four as
the synchronous rectifier switches. The main selection parameters
for the power MOSFETs are VGS(TH), QG and RDS(ON). The
minimum gate drive voltage (the supply voltage to the ADP3414)
dictates whether standard threshold or logic-level threshold
MOSFETs must be used. Since VGATE <8 V, logic-level thresh-
old MOSFETs (VGS(TH) < 2.5 V) are strongly recommended.
Rev. 1 | Page 11 of 15 | www.onsemi.com
Rev. 2 | Page 11 of 15 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com