Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3164RUZ-R71 Datasheet(PDF) 10 Page - ON Semiconductor

Part # ADP3164RUZ-R71
Description  5-Bit Programmable 4-Phase Synchronous Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3164RUZ-R71 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADP3164RUZ-R71 Datasheet HTML 6Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 7Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 8Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 9Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 10Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 11Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 12Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 13Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
REV. 0
ADP3164
–10–
RSENSE
The value of RSENSE is based on the maximum required output
current. The current comparator of the ADP3164 has a mini-
mum current limit threshold of 143 mV. Note that the 143 mV
value cannot be used for the maximum specified nominal cur-
rent, as headroom is needed for ripple current and tolerances.
The current comparator threshold sets the peak of the inductor
current yielding a maximum output current, IO, which equals
twice the peak inductor current value less half of the peak-to-
peak inductor ripple current. From this, the maximum value of
RSENSE is calculated as:
R
V
I
n
I
mV
AA
m
SENSE
CSCL MIN
O
L RIPPLE
()
()
.
.
2
143
80
4
10 8
2
56
(3)
In this case, 5 m
was chosen as the closest standard value.
Once RSENSE has been chosen, the output current at the point
where current limit is reached, IOUT(CL), can be calculated using
the maximum current sense threshold of 173 mV:
In
V
R
nI
I
mV
m
A
A
OUT CL
CSCL MAX
SENSE
L RIPPLE
OUT CL
()
()
(
)
()
.
.
2
4
173
5
410 8
2
116 8
(4)
At output voltages below 750 mV, the current sense threshold is
reduced to 108 mV, and the ripple current is negligible. There-
fore, at dead short the output current is reduced to:
In
V
R
mV
m
A
OUT SC
CS SC
SENSE
()
()
.
4
108
5
86 4
(5)
To safely carry the current under maximum load conditions, the
sense resistor must have a power rating of at least:
PI
R
R
SENSE RMS
SENSE
SENSE
()
2
(6)
where:
I
I
n
V
V
SENSE RMS
O
OUT
IN
()
2
2
(7)
In this formula, n is the number of phases, and
is the con-
verter efficiency, in this case assumed to be 85%. Combining
Equations 6 and 7 yields:
P
AV
V
mW
RSENSE
80
4
1 475
085 12
51 2
2
.
.
.
Output Resistance
This design requires that the regulator output voltage measured
at the CPU drop when the output current increases. The speci-
fied voltage drop corresponds to a dc output resistance of:
R
VV
I
VV
A
m
OUT
ONL
OFL
O
1 4605
1 3845
80
095
..
.
(8)
The required dc output resistance can be achieved by terminating
the gm amplifier with a resistor. The value of the total termina-
tion resistance that will yield the correct dc output resistance:
R
nR
ng
R
m
mmho
m
k
T
I
SENSE
m
OUT
12 5 5
42 2
0 95
748
.
..
.
(9)
where nI is the division ratio from the output voltage signal of
the gm amplifier to the PWM comparator CMP1, gm is the
transconductance of the gm amplifier itself, and n is the number
of phases.
Output Offset
Intel’s VRM 9.1 specification requires that at no load the nominal
output voltage of the regulator be offset to a lower value than the
nominal voltage corresponding to the VID code to make sure that
circuit tolerances never cause the output voltage to exceed the
VID value. The offset is introduced by realizing the total termina-
tion resistance of the gm amplifier with a divider connected between
the REF pin and ground. The resistive divider introduces an
offset to the output of the gm amplifier that, when reflected back
through the gain of the gm stage, accurately positions the output
voltage near its allowed maximum at light load. Furthermore, the
output of the gm amplifier sets the current sense threshold voltage.
At no load, the current sense threshold is increased by the peak of
the ripple current in the inductor and reduced by the delay between
sensing when the current threshold has been reached and when
the high side MOSFET actually turns off. These two factors are
combined with the inherent voltage (VGNL0), at the output of the
gm amplifier that commands a current sense threshold of 0 mV:
VV
IR
n
VV
L
nt
R
n
VV
Am
V
V
nH
ns
m
V
GNL
GNL
L RIPPLE
SENSE
I
IN
OUT
D
SENSE
I
GNL
0
2
1
10 8
5
12 5
2
12
1 475
600
4
60
5
12 5
1 074
()
..
.
..
(10)
The divider resistors (RA for the upper and RB for the lower)
can now be calculated, assuming that the internal resistance of
the gm amplifier (ROGM) is 1 M :
R
V
VV
R
gV
V
R
V
VV
k
mmho
V
V
k
B
REF
REF
GNL
T
m
ONL
VID
B
()
.
.
.
( ..
)
.
3
3
1 074
748
2 2
1 4605
1 475
10 37
(11)
Choosing the nearest 1% resistor value gives RB = 10.5k .
Finally, RA is calculated:
R
RR
R
k
M
k
k
A
T
OGM
B
1
11
1
1
1
748
1
1
1
10 5
26 7
..
.
(12)
Choosing the nearest 1% resistor value gives RA = 26.7k .
Rev. 1 | Page 10 of 15 | www.onsemi.com
Rev. 2 | Page 10 of 15 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com