Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3164RUZ-R71 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADP3164RUZ-R71
Description  5-Bit Programmable 4-Phase Synchronous Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3164RUZ-R71 Datasheet(HTML) 1 Page - ON Semiconductor

  ADP3164RUZ-R71 Datasheet HTML 1Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 2Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 3Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 4Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 5Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 6Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 7Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 8Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
a
ADP3164
5-Bit Programmable 4-Phase
Synchronous Buck Controller
FUNCTIONAL BLOCK DIAGRAM
FEATURES
ADOPT™ Optimal Positioning Technology for Superior
Load Transient Response and Fewest Output
Capacitors
Complies with VRM 9.1 with Lowest System Cost
4-Phase Operation at up to 500 kHz per Phase
Quad Logic-Level PWM Outputs for Interface to
External High-Power Drivers
Active Current Balancing between All Output Phases
Accurate Multiple VRM Module Current Sharing
5-Bit Digitally Programmable 1.1 V to 1.85 V Output
Total Output Accuracy
0.8% Over Temperature
Current-Mode Operation
Short Circuit Protection
Enhanced Power Good Output Detects Open Outputs
in Multi-VRM Power Systems
Overvoltage Protection Crowbar Protects
Microprocessors with No Additional
External Components
APPLICATIONS
Desktop PC Power Supplies for:
Intel Pentium® 4 Processors
VRM Modules
DAC + 20%
CMP
CS–
CS+
COMP
FB
gm
PWM3
PWM1
SET
RESET
CROWBAR
PGND
PWM2
VID
DAC
VID4
VID3
VID2
VID1
VCC
REF
GND
CT
VID0
SHARE
POWER
GOOD
CMP
DAC – 20%
PWRGD
PWM4
3.0V
REFERENCE
UVLO
& BIAS
OSCILLATOR
4-PHASE
DRIVER
LOGIC
ADP3164
SOFT
START
GENERAL DESCRIPTION
The ADP3164 is a highly efficient 4-phase synchronous buck
switching regulator controller optimized for converting a 12 V
main supply into the core supply voltage required by high per-
formance Intel processors. The ADP3164 uses an internal 5-bit
DAC to read a voltage identification (VID) code directly from
the processor, which is used to set the output voltage between
1.1 V and 1.85 V. The ADP3164 uses a current mode PWM
architecture to drive the logic-level outputs at a programmable
switching frequency that can be optimized for VRM size and
efficiency. The four output phases share the dc output current
to reduce overall output voltage ripple. An active current bal-
ancing function ensures that all phases carry equal portions of
the total load current, even under large transient loads, to mini-
mize the size of the inductors.
The ADP3164 also uses a unique supplemental regulation tech-
nique called active voltage positioning (ADOPT) to enhance
load transient performance. Active voltage positioning results in
a dc/dc converter that meets the stringent output voltage specifi-
cations for high-performance processors, with the minimum
number of output capacitors and smallest footprint. Unlike
voltage-mode and standard current-mode architectures, active
voltage positioning adjusts the output voltage as a function of the
load current so that it is always optimally positioned for a system
transient. The ADP3164 also provides accurate and reliable short
circuit protection, adjustable current limiting, and an enhanced
Power Good output that can detect open outputs in any phase for
single or multi-VRM systems.
The ADP3164 is specified over the commercial temperature
range of 0
°C to 70°C and is available in a 20-lead TSSOP package.
Pentium is a registered trademark of Intel Corporation.
REVISION HISTORY
01/08 Rev 1: Conversion to ON Semiconductor
©2010 SCILLC. All rights reserved.
Publication Order Number:
May 2010 - Rev. 2
ADP3164/D


Similar Part No. - ADP3164RUZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
5-Bit Programmable 4-Phase Synchronous Buck Controller
REV.0
ADP3164JRU AD-ADP3164JRU Datasheet
162Kb / 16P
5-Bit Programmable 4-Phase Synchronous Buck Controller
REV.0
More results

Similar Description - ADP3164RUZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
5-Bit Programmable 2-Phase Synchronous Buck Controller
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV.0
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
5-Bit Programmable 4-Phase Synchronous Buck Controller
REV.0
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
5-Bit Programmable 2-Phase Synchronous Buck Controller
05/02-Data Sheet changed from REV. A to REV. B.
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3161 AD-ADP3161 Datasheet
164Kb / 12P
4-Bit Programmable 2-Phase Synchronous Buck Controller
REV.0
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
3/06-Rev. 0 to Rev. A
logo
International Rectifier
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
logo
ON Semiconductor
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
logo
Analog Devices
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com