Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3164RUZ-R71 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADP3164RUZ-R71
Description  5-Bit Programmable 4-Phase Synchronous Buck Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3164RUZ-R71 Datasheet(HTML) 4 Page - ON Semiconductor

  ADP3164RUZ-R71 Datasheet HTML 1Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 2Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 3Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 4Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 5Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 6Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 7Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 8Page - ON Semiconductor ADP3164RUZ-R71 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
REV. 0
ADP3164
–4–
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1–5
VID4 –
Voltage Identification DAC Inputs. These pins are pulled up to an internal 3 V reference, providing a
VID0
Logic 1 if left open. The DAC output programs the FB regulation voltage from 1.1 V to 1.85 V. Leaving all five
DAC inputs open results in the ADP3164 going into a “No CPU” mode, shutting off its PWM outputs.
6
SHARE
Current Sharing Output. This pin is connected to the SHARE pins of other ADP3164s in multiple VRM systems
to ensure proper current sharing between the converters. The voltage at this output programs the output current
control level between CS+ and CS–.
7
COMP
Error Amplifier Output and Compensation Point.
8
GND
Ground. FB, REF, and the VID DAC of the ADP3164 are referenced to this ground. This is a low current ground
that can also be used as a return for the FB pin in remote voltage sensing applications.
9
FB
Feedback Input. Error amplifier input for remote sensing of the output voltage.
10
CT
External capacitor CT connection to ground sets the frequency of the device.
11
PWRGD
Open drain output that signals when the output voltage is outside of the proper operating range or when a phase
is not supplying current even if the output voltage is in specification.
12
CS+
Current Sense Positive Node. Positive input for the current comparator. The output current is sensed as a voltage
at this pin with respect to CS–.
13
CS–
Current Sense Negative Node. Negative input for the current comparator.
14
PGND
Power Ground. All internal biasing and logic output signals of the ADP3164 are referenced to this ground.
15
PWM4
Logic-Level Output for the Phase 4 Driver.
16
PWM3
Logic-Level Output for the Phase 3 Driver.
17
PWM2
Logic-Level Output for the Phase 2 Driver.
18
PWM1
Logic-Level Output for the Phase 1 Driver.
19
REF
3.0 V Reference Output.
20
VCC
Supply Voltage for the ADP3164.
5-BIT CODE
VID4
VID3
VID2
VID1
VID0
SHARE
COMP
GND
FB
CT
VCC
REF
PWM1
PWM2
PWM3
PWM4
PGND
CS–
CS+
PWRGD
3
1
4
5
18
17
16
2
20
19
6
7
8
9
11
14
13
12
15
ADP3164
12V
100
100nF
1 F
100nF
AD820
VFB
+
20k
10
1.2V
Figure 1. Closed-Loop Output Voltage Accuracy Test Circuit
Rev. 1 | Page 4 of 15 | www.onsemi.com
Rev. 2 | Page 4 of 15 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com