Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L720 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PI3L720
Description  RF and Microwave Power Sensors/Meters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI3L720 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PI3L720 Datasheet HTML 1Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 2Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 3Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 4Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 5Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 6Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 7Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 8Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Data Sheet
Applications
General-purpose RF and Microwave Average Power Measurements
Characterization of Repetitive Pulsed Signals, such as Navigation,
Weather, and other Radar
Peak and Average Power Measurements on Modulated Signals such as
GSM, CDMA, WCDMA, HSPA, WiMAX up to 10 MHz
Peak and Average Power Measurements of Modulated Pulsed
Communications Signals
Level Control Feedback for Signal Sources
Validation and Characterization of Power Amplifiers, Switches, and Other
RF and Microwave Components
Service, Maintenance, and Installation of DTV, Cellular, Microwave
Radio Link, and Radio Broadcast Transmitters
Verification and Calibration of Test Equipment and Systems
3-year Warranty
Capable, Compact Power Sensors/Meters
The PSM3000, PSM4000, and PSM5000 Series are compact power
sensors/meters that deliver fast, accurate RF and microwave power
measurements. A broad range of CW and pulse modulation measurements
are available, depending on the series you choose. Each meter comes
with Windows Power Meter application software for controlling the
meter, displaying readings, and recording data. The combination of the
sensor/meter and PC provides a complete solution, eliminating the need for
a separate, dedicated meter mainframe.
No Meter Mainframe Required
With the included power meter application software, familiar meter controls
are available at the click of a mouse and readings are presented right on
your PC screen. Familiar Windows pull-down menus provide additional
controls. Data is immediately available on the PC for further analysis and
documentation. The meters communicate with the PC using standard
USB 2.0 protocols and cables for plug-and-play ease of use.
Integrate High-speed Power Measurements Into Your
Testing
Tektronix PSM Series power sensors feature the industry’s fastest
measurement speed (2000 readings/s). This can significantly reduce
Figure 1 – Software presents familiar controls and measurement presentation.
test times and provide dynamic power measurement information that
was previously unavailable. An included High-speed Logging Application
provides a mechanism for getting this data into your PC for analysis.
For custom test applications, you can communicate with the sensors
using LabVIEW, or using a fully documented API. Example programs are
provided for the most commonly used development environments. The
communications library allows your program to communicate with up to
12 sensors, eliminating the need for costly switches.
Tektronix real-time signal analyzers, arbitrary waveform generators, and
oscilloscopes that use the Windows operating system can also be used to
control the PSM Series sensor/meter and give you quick access to accurate
power measurements.
To allow synchronization with other measurement equipment all models
include Trigger In and Trigger Out TTL signals.
High-speed measurements, extensive programming tools, and
synchronization features make these sensors versatile additions to your
test setup.
Industry-leading Performance for Demanding
Designs
Tektronix power sensors/meters come fully calibrated over their entire
operating temperature range. Sensor zeroing and meter reference
calibration have been eliminated, reducing setup time and helping to
avoid inaccurate results. These meters provide accuracy you can count
on for general-purpose CW, peak, pulse, and other modulated power
measurements. Whether doing installation or maintenance on a wireless
base station, production testing, or R&D for wireless components, the PSM
Series products serve these needs with a wide dynamic range (–60 dBM to
+20 dBm) and frequencies ranging from 10 MHz up to 26.5 GHz.
2 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com