Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L720 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PI3L720
Description  RF and Microwave Power Sensors/Meters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI3L720 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PI3L720 Datasheet HTML 1Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 2Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 3Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 4Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 5Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 6Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 7Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 8Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RF and Microwave Power Sensors/Meters — Tektronix PSM3000, PSM4000, and PSM5000 Series
PSM4000 Series USB Power Meters (Average/Peak/Pulse)
Characteristic
PSM4110
PSM4120
PSM4320
PSM4410
Input Connector
3.5 mm, male
N-type, male
N-type, male
3.5 mm, male
Frequency Range
10 MHz to 8 GHz
10 MHz to 8 GHz
50 MHz to 18.6 GHz
50 MHz to 20 GHz
Dynamic Range
10 MHz to 6 GHz: –60 dBm to +20 dBm
6 GHz to 8GHz: –50 dBmto+20 dBm
–40 dBm to +20 dBm
Maximum Peak-to-Average Ratio
10 MHzto6GHz: 80dB
6GHz to8GHz: 70dB
55 dB
Internal Video Bandwidth
10 MHz, typical
Timebase
±50 ppm, typical
Sample Rate
500 kS/s
Average Power, Minimum Pulse
Width
500 ns, typical
Peak Power, Minimum Pulse
Width
200 ns, typical
Total Accuracy*1
Total Uncertainty = 2 × √[(CF/2)2 + (L/2)2 +(N/2)2 +(Z/√2)2 +(Mm/√2)2 +(T/√2)2 ]
Calibration Factor Uncertainty
(CF)
10 MHz to 100 MHz: 7.0%
100 MHz to 500 MHz: 4.0%
500MHz to 8GHz: 2.5%
10 MHz to 100 MHz: 7.0%
100MHz to 500MHz: 4.0%
500MHz to 8GHz: 1.7%
50 MHz to 500 MHz: 4.0%
500 MHz to 10 GHz: 1.7%
10 GHzto18.6GHz: 1.9%
50 MHz to 500 MHz: 4.0%
500 MHz to 12.5 GHz: 2.6%
12.5 GHzto18GHz: 3.2%
18 GHzto20GHz: 3.5%
Linearity Uncertainty (L)
10 MHz to 100 MHz
+15 dBm to +20 dBm: 7.0%
+10 dBm to +15 dBm: 5.0%
–60dBm to +10dBm: 4.0%
100MHz to2GHz
+15 dBm to +20 dBm: 7.0%
+10 dBm to +15 dBm: 5.0%
–60dBm to +10dBm: 3.0%
2GHz to8GHz
+15 dBm to +20 dBm: 5.0%
+10 dBm to +15 dBm: 3.0%
–60dBm to +10dBm: 2.0%
50 MHz to 100 MHz
+15 dBm to +20 dBm: 7.0%
–40dBm to +15dBm: 5.0%
100 MHz to 2 GHz
+15 dBm to +20 dBm: 7.0%
+5 dBm to +15 dBm: 5.0%
–40 dBm to +5 dBm: 3.0%
2GHz to 20 GHz
+15 dBm to +20 dBm: 6.0%
+5 dBm to +15 dBm: 4.0%
–40 dBm to +5 dBm: 2.0%
Noise Uncertainty (N)
1 second integration
+10dBm to +20dBm:
0.22% (10 MHz to 100 MHz)
0.15% (100 MHz to 8 GHz)
–30dBm to +10dBm:
0.22% (10 MHz to 100 MHz)
0.04% (100 MHz to 8 GHz)
–50 dBm to –30 dBm:
0.22% (10 MHz to 100 MHz)
0.04% (100 MHz to 6 GHz)
0.15% (6 GHz to 8 GHz)
–60 dBm to –50 dBm:
0.44% (10 MHz to 100 MHz)
0.15% (100 MHz to 6 GHz)
5 second integration
+10 dBm to +20 dBm: 1.5% (50 MHz to 20 GHz)
–20dBm to +10 dBm: 1.0%(50 MHzto20GHz)
–30 dBm to –20 dBm: 1.5% (50 MHz to 20 GHz)
–40 dBm to –30 dBm: 7.0% (50 MHz to 18.6 GHz)
Zero Offset Power*2 (Z)
[(0.35 nW at 25 °C) + |ΔT| × (0.025 nW / °C)] + 0.005 nW / month
50 MHz to 500 MHz
[(200 nW at 25 °C) + |ΔT| × (10 nW / °C)] + 10 nW / month
500 MHz to 20 GHz
[(100nWat25°C) +|ΔT| × (5 nW / °C)] + 5 nW / month
Match*3
1.09:1 VSWR
(27 dB Return Loss)
1.15:1 VSWR
(23 dB Return Loss)
50 MHzto10GHz: 1.20:1VSWR
(21 dB Return Loss)
10 GHz to 18.6 GHz:
1.29:1 VSWR
(18 dB Return Loss)
50 MHz to 10 GHz: 1.20:1 VSWR
(21dBReturnLoss)
10 GHz to 20 GHz: 1.29:1 VSWR
(18 dB Return Loss)
www.tektronix.com 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com