Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L720 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PI3L720
Description  RF and Microwave Power Sensors/Meters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI3L720 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PI3L720 Datasheet HTML 4Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 5Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 6Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 7Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 8Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 9Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 10Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 11Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
Physical Characteristics
Dimension
Description
PSM3110, PSM3120, PSM3310, PSM3320, PSM3510, PSM4320, PSM4410,
PSM5320, PSM5410
Diameter
48 mm (1.9 in.)
Length
74 mm (2.9 in.), plus connector
PSM4110, PSM4120, PSM5110, PSM5120
Diameter
48 mm (1.9 in.)
Length
62 mm (2.4 in.), plus connector
Weight
PSM3110
PSM3310
PSM3510
PSM4410
PSM5410
163 g (5.75 oz.)
PSM3120
PSM3320
PSM4320
PSM5320
203 g (7.14 oz.)
PSM4110
PSM5110
109 g (3.86 oz.)
PSM4120
PSM5120
148 g (5.22 oz.)
Warranty and Calibration
Characteristic
Description
Warranty
3 years
Recommended
Calibration Interval
1year
Ordering Information
Models
Model
Description
PSM3110
USB Power Sensor/Meter, 10 MHz to 8 GHz, True Average,
3.5 mm male
PSM3120
USB Power Sensor/Meter, 10 MHz to 8 GHz, True Average,
N-male
PSM3310
USB Power Sensor/Meter, 10 MHz to 18 GHz, True Average,
3.5 mm male
PSM3320
USB Power Sensor/Meter, 10 MHz to 18 GHz, True Average,
N-male
PSM3510
USB Power Sensor/Meter, 10 MHz to 26.5 GHz, True
Average, 3.5 mm male
PSM4110
USB Power Sensor/Meter, 10 MHz to 8 GHz, Peak and
Pulse, 3.5 mm male
PSM4120
USB Power Sensor/Meter, 10 MHz to 8 GHz, Peak and
Pulse, N-male
PSM4320
USB Power Sensor/Meter, 50 MHz to 18 GHz, Peak and
Pulse, N-male
PSM4410
USB Power Sensor/Meter, 50 MHz to 20 GHz, Peak and
Pulse, 3.5 mm male
PSM5110
USB Power Sensor/Meter, 100 MHz to 8 GHz, Pulse
Profiling, 3.5 mm male
PSM5120
USB Power Sensor/Meter, 100 MHz to 8 GHz, Pulse
Profiling, N-male
PSM5320
USB Power Sensor/Meter, 50 MHz to 18 GHz, Pulse
Profiling, N-male
PSM5410
USB Power Sensor/Meter, 50 MHz to 20 GHz, Pulse
Profiling, 3.5 mm male
Includes:USB Power Sensor/Meter, certificate of traceable calibration, calibration
data report, 2-meter USB cable, Installation and Safety Manual, USB flash drive.
(The flash drive includes user manuals in English, French, German, Italian,
Japanese, Korean, Portuguese, Russian, Simplified Chinese, Spanish, Traditional
Chinese, and a Technical Reference Manual and Programmer Manual in English.)
Service Options
Option
Description
C3
Calibration Service 3 Years
C5
Calibration Service 5 Years
R5
Repair Service 5 Years
Recommended Accessories
Accessory
Description
174-6150-00
USB Cable, 2 m, 20 AWG
348-2013-00
Replacement rubber boot
8 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com