Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L720 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PI3L720
Description  RF and Microwave Power Sensors/Meters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI3L720 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PI3L720 Datasheet HTML 1Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 2Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 3Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 4Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 5Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 6Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 7Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 8Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RF and Microwave Power Sensors/Meters — Tektronix PSM3000, PSM4000, and PSM5000 Series
Select the Performance/Features to Meet Your
Needs
PSM3000 Series power sensors/meters provide true average power
measurements, giving accurate power measurements independent of signal
modulation and bandwidth. The PSM4000 Series delivers average power
(CW) measurements, and adds pulse and peak power measurements for
gathering basic data on pulsed RF and microwave signals. PSM5000
Series power sensors/meters provide the same measurements as the
PSM4000, and add pulse profiling capability for signal viewing and
characterization in pulsed RF and microwave systems.
Feature
PSM3000
Series
PSM4000
Series
PSM5000
Series
Frequency Range
10 MHz to
26.5 GHz
10 MHzto20GHz 50 MHzto20GHz
Dynamic Range
–55 dBM to
+20 dBm
–60 dBm to
+20 dBM
–60 dBm to
+20 dBm
Measurement
Speed
2000 readings/s
2000 readings/s
2000 readings/s
Measurements
True Average
Power
X
Average (CW)
Power
XX
Duty Cycle
Corrected Pulse
Power
XXX
Peak Power, Pulse
Power, Duty Cycle
XX
Peak and Average
Burst Power
XX
Measurement
Logging
XXX
Pulse Width,
Rise/Fall,
Overshoot, Droop
X
Time Gated
Measurements
X
Pulse Waveform
Display with
Markers
X
Figure2– Pulseprofiling software enables a thorough analysis of pulse characteristics.
A Broad Range of Pulse Envelope
Measurements
Tektronix PSM5000 Series products feature an easy-to-use, high
performance, pulse profiling, pulse (modulation), and CW power meter and
sensor in one. The PSM5000 Series product is specifically designed for
applications requiring time domain analysis of constant-envelope, repetitive
pulsed signals. It performs time domain pulse measurements such as
rise/fall time, overshoot, and droop that have typically required costly signal
analyzers. PSM5000 Series sensors use an equivalent time-sampling
technique to reconstruct repetitive, pulsed input signals. Repetitive pulses
with video bandwidthsup to10MHz canbemeasuredwithaneffective
sample rate of up to 48 MS/s.
Performance You Can Count On
In addition to industry-leading service and support, every PSM Series power
sensor/meter comes backed with a three-year standard warranty.
www.tektronix.com 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com