Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L720 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PI3L720
Description  RF and Microwave Power Sensors/Meters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI3L720 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PI3L720 Datasheet HTML 1Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 2Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 3Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 4Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 5Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 6Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 7Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 8Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
Specifications
Electrical Specifications
All specifications apply over the full instrument operating temperature range unless
otherwise noted, after a 20 minute warm-up interval.
PSM3000 Series USB Power Meters (True Average)
Characteristic
PSM3110
PSM3120
PSM3310
PSM3320
PSM3510
Input Connector
3.5 mm, male
N-type, male
3.5 mm, male
N-type, male
3.5 mm, male
Frequency Range
10 MHz to 8 GHz
10 MHz to 18 GHz
10 MHz to 26.5 GHz
Dynamic Range
–55 dBm to +20 dBm
Video Bandwidth
100 Hz, typical
Total Accuracy*1
Total Uncertainty = 2 × √[(CF/2)2 + (L/2)2 +(N/2)2 +(Z/√2)2 + (Mm/√2)2 +(T/√2)2 ]
Calibration Factor
Uncertainty (CF)
10 MHzto1GHz: 2.5%
1GHz to8GHz: 2.4%
10 MHzto1GHz: 1.8%
1GHz to 8 GHz: 1.7%
10 MHz to 1 GHz: 2.5%
1 GHz to 10 GHz: 2.4%
10 GHzto18GHz: 2.7%
10 MHzto1GHz: 1.8%
1 GHz to 10 GHz: 1.7%
10 GHz to 18 GHz: 1.9%
10 MHzto1GHz: 2.5%
1 GHz to 10 GHz: 2.4%
10 GHzto18GHz: 2.7%
18 GHz to 26.5 GHz: 3.7%
Linearity Uncertainty (L)
+15 dBm to +20 dBm: 3.0%
–15dBm to +15dBm: 2.5%
–55 dBm to –15 dBm: 2.0%
Noise Uncertainty (N)
5 second integration
+10 dBm to +20 dBm: 0.10%
–15 dBm to +10 dBm: 0.25%
–30 dBm to –15 dBm: 0.10%
–40 dBm to –30 dBm: 0.25%
–50 dBm to –40 dBm: 1.50%
–55 dBm to –50 dBm: 4.50%
Zero Offset Power*2 (Z)
[(3.0 nW at 25 °C) + |ΔT| × (0.15 nW / °C)] + 0.01 nW / month
Match*3
1.20:1 VSWR (21 dB Return Loss)
10 MHz to 10 GHz: 1.20:1 VSWR (21 dB Return Loss)
10 GHz to 18 GHz: 1.29:1 VSWR (18 dB Return Loss)
10 MHz to 10 GHz:
1.20:1 VSWR (21 dB
Return Loss)
10 GHzto26.5GHz:
1.29:1 VSWR (18 dB
Return Loss)
Temperature Uncertainty
(T)
40 °C < T ≤ 50 °C: 2.00%
30 °C < T ≤ 40 °C: 0.75%
20 °C < T ≤ 30 °C: 0.00%
10 °C < T ≤ 20 °C: 0.75%
0°C < T ≤ 10 °C: 2.00%
*1 Total uncertainty includes contributions from Calibration Factor Uncertainty (CF), Linearity Uncertainty (L), Noise Uncertainty (N), Zero Offset Uncertainty (Z), Mismatch Uncertainty, and Temperature Uncertainty (T). All
error terms must be converted to percentages for Total Uncertainty (RSS) calculation. Mismatch Uncertainty (Mm) requires knowledge of source match and should be expressed as a percentage using the equation
Mm = 100 × [(1 ± Γsource × Γsensor)2 –1].
*2 Use the following formula to determine Zero Offset Uncertainty as a percentage: Z = (Zero Offset Power / Nominal Power) × 100.
*3 Nominal impedance = 50 Ω.
4 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com