Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L720 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PI3L720
Description  RF and Microwave Power Sensors/Meters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI3L720 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PI3L720 Datasheet HTML 1Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 2Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 3Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 4Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 5Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 6Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 7Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 8Page - List of Unclassifed Manufacturers PI3L720 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RF and Microwave Power Sensors/Meters
Tektronix PSM3000, PSM4000, and PSM5000 Series Data Sheet
Features & Benefits
Key Performance Specifications
8 GHz, 18 GHz, 20 GHz, and 26.5 GHz Models
Models Available with N and 3.5 mm Connectors
Dynamic Range as Low as –60 dBm and as High as +20 dBm
Uncertainty as Low as 2.6%
Reading Rates up to 2000 Readings/s
Features
Meters are Calibrated over Full Temperature Range – No zero or
cal needed before making measurements, saving time and avoiding
poor-quality data
Average Power, Duty Cycle Corrected Pulse Power, and Measurement
Logging on All Models
Included Applications run under Microsoft Windows
Power Meter Application
High-speed Logging Application
LabVIEW Drivers and Programming Examples for Most Common
Windows Programming Environments are Available for Automated
System Support
Max Hold and Relative Measurement Modes
Offset, Frequency Response, and 75 Ω Minimum Loss Pad Correction
Flexible Averaging Modes for Quick, Stable Measurements
TTL Trigger Input and Output allow Synchronization with External
Instruments
Pass/Fail Limit Mode
Compact Size
The PSM3000 Series offers True Average Power Measurements that
Give Accurate Results Regardless of Signal Shape or Modulation
The PSM4000 and PSM5000 Series offer:
Pulse Power, Duty Cycle, Peak Power, and Crest Factor
Measurements
Measure Peak, Average and Minimum Power on Bursts with
Adjustable Offset and Duration
The PSM5000 Series includes a Pulse Profiling Application for Making
Measurements on Repetitive, Pulsed Signals
Builds and Displays a Trace of the Pulse Envelope
Full-trace and Gated Measurements including Pulse, Peak and
Average Power, Overshoot, Crest Factor, Rise and Fall Time, Pulse
Width, Pulse Repetition Frequency, Duty Cycle
Statistical Measurements on the Trace Data, such as Complementary
Cumulative Distribution Function (CCDF), and Probability Density
Function (PDF)


Similar Part No. - PI3L720

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L720 PERICOM-PI3L720 Datasheet
563Kb / 10P
2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
PI3L720ZHE PERICOM-PI3L720ZHE Datasheet
563Kb / 10P
2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
More results

Similar Description - PI3L720

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
SD1224 ADPOW-SD1224 Datasheet
90Kb / 3P
RF AND MICROWAVE TRANSISTORS
logo
List of Unclassifed Man...
PSM5320 ETC2-PSM5320 Datasheet
308Kb / 13P
RF and Microwave Power Sensors/Meters
E9301A ETC2-E9301A Datasheet
619Kb / 12P
RF and Microwave Power Sensors/Meters
logo
Keysight Technologies
8481D KEYSIGHT-8481D Datasheet
2Mb / 28P
EPM Series Power Meters E-Series and 8480 Series Power Sensors
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
Power Meters and E-Series E9320 Peak and Average Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
Power Meters and E-Series E9320 Peak and Average Power Sensors
N1913A KEYSIGHT-N1913A Datasheet
2Mb / 28P
EPM Series Power Meters E-Series and 8480 Series Power Sensors
W8486A KEYSIGHT-W8486A Datasheet
2Mb / 28P
EPM Series Power Meters E-Series and 8480 Series Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com