Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8972BE Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MT8972BE
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8972BE Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT8972BE Datasheet HTML 4Page - Mitel Networks Corporation MT8972BE Datasheet HTML 5Page - Mitel Networks Corporation MT8972BE Datasheet HTML 6Page - Mitel Networks Corporation MT8972BE Datasheet HTML 7Page - Mitel Networks Corporation MT8972BE Datasheet HTML 8Page - Mitel Networks Corporation MT8972BE Datasheet HTML 9Page - Mitel Networks Corporation MT8972BE Datasheet HTML 10Page - Mitel Networks Corporation MT8972BE Datasheet HTML 11Page - Mitel Networks Corporation MT8972BE Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MT8971B/72B
9-114
CD port, the CDSTi and CDSTo pins are used. The
SINGL port option only exists in DN mode.
In MOD mode, DUAL port operation must be used
and the D, B1 and B2 channel designations no
longer exist. The selection of SLV or MAS will
determine which of the DNICs is using the externally
supplied clock and which is phase locking to the data
on the line. Due to jitter and end to end delay, one
end must be the master to generate all the timing for
the link and the other must extract the timing from
the receive data and synchronize itself to this timing
in order to recover the synchronous data. DUAL port
mode allows the user to use two separate serial
busses: the DV port for PCM/data (B channels) and
the CD port for control and signalling information (C
and D channels). In the SINGL port mode, all four
channels are concatenated into one serial stream
and input to the DNIC via the DV port. The order of
the C and D channels may be changed only in DN/
DUAL mode. The DNIC may be configured to
transfer the D-channel in channel 0 and the C-
channel in channel 16 or vice versa. One other
feature exists; ODE, where both the DV and CD
ports are tristated in order that no devices are
damaged due to excessive loading while all DNICs
are in a random state on power up in a daisy chain
arrangement.
Table 2. Mode Definitions
Table 3. Pin Configurations
Mode
Function
SLV
SLAVE
- The chip timebase is extracted from the received line data and the external 10.24 MHz
crystal is phase locked to it to provide clocks for the entire device and are output for the external
system to synchronize to.
MAS
MASTER
- The timebase is derived from the externally supplied data clocks and 10.24 MHz clock
which must be frequency locked. The transmit data is synchronized to the system timing with the
receive data recovered by a clock extracted from the receive data and resynchronized to the system
timing.
DUAL
DUAL PORT
- Both the CD and DV ports are active with the CD port transferring the C&D channels
and the DV port transferring the B1& B2 channels.
SINGL
SINGLE PORT - The B1& B2, C and D channels are all transferred through the DV port. The CD
port is disabled and CDSTi should be pulled high.
MOD
MODEM
- Baseband operation at 80 or 160 kbits/s. The line data is received and transmitted
through the DV port at the baud rate selected. The C-channel is transferred through the CD port
also at the baud rate and is synchronized to the CLD output.
DN
DIGITAL NETWORK
- Intended for use in the digital network with the DV and CD ports operating at
2.048 Mbits/s and the line at 80 or 160 kbits/s configured according to the applicable ISDN
recommendation.
D-C
D BEFORE C-CHANNEL
- The D-channel is transferred before the C-channel following F0.
C-D
C BEFORE D-CHANNEL
- The C-channel is transferred before the D-channel following F0.
ODE
OUTPUT DATA ENABLE
- When mode 7 is selected, the DV and CD ports are put in high
impedance state. This is intended for power-up reset to avoid bus contention and possible damage
to the device during the initial random state in a daisy chain configuration of DNICs. In all the other
modes of operation DV and CD ports are enabled during the appropriate channel times.
Mode
#
F0/CLD
F0o/RCK
C4/TCK
Name
Input/Output
Name
Input/Output
Name
Input/Output
0F0
Input
F0o
Output
C4
Input
1CLD
Output
RCK
Output
TCK
Output
2F0
Input
F0o
Output
C4
Input
3F0
Input
F0o
Output
C4
Input
4F0
Output
F0o
Output
C4
Output
5CLD
Output
RCK
Output
TCK
Output
6F0
Output
F0o
Output
C4
Output
7F0
Input
F0o
Output
C4
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com