Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8972BE Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT8972BE
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8972BE Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT8972BE Datasheet HTML 3Page - Mitel Networks Corporation MT8972BE Datasheet HTML 4Page - Mitel Networks Corporation MT8972BE Datasheet HTML 5Page - Mitel Networks Corporation MT8972BE Datasheet HTML 6Page - Mitel Networks Corporation MT8972BE Datasheet HTML 7Page - Mitel Networks Corporation MT8972BE Datasheet HTML 8Page - Mitel Networks Corporation MT8972BE Datasheet HTML 9Page - Mitel Networks Corporation MT8972BE Datasheet HTML 10Page - Mitel Networks Corporation MT8972BE Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MT8971B/72B
9-113
the Precan pin high. This mode simplifies the design
of external line transceivers used for loop extension
applications.
The Precan pin features an internal
pull-down
which
allows
this
pin
to
be
left
unconnected in applications where this function is
not required. The resultant signal passes through
a receive filter to bandlimit and equalize it. At this
point, the echo estimate from the echo canceller is
subtracted from the precancelled received signal.
This difference signal is then input to the echo
canceller as an error signal and also squared up by a
comparator and passed to the biphase receiver.
Within the echo canceller, the sign of this error signal
is determined.
Depending on the sign, the echo
estimate is either incremented or decremented and
this new estimate is stored back in RAM.
The
timebase
in
both
SLV
and
MAS
modes
(generated internally in SLV mode and externally in
MAS mode) is phase-locked to the received data
stream.
This phase-locked clock operates the
Biphase Decoder, Descrambler and Deprescrambler
in MAS mode and the entire chip in SLV mode. The
Biphase Decoder decodes the received encoded bit
stream resulting in the original NRZ data which is
passed onto the Descrambler and Deprescrambler
where the data is restored to its original content by
performing the reverse polynomials. The SYNC bits
are extracted and the Receive Interface separates
the channels and outputs them to the proper ports in
the proper channel times.
The destination of the
various channels is the same as that received on the
input DV and CD ports.
The Transmit/Receive Timing and Control block
generates all the clocks for the transmit and receive
functions and controls the entire chip according to
the control register.
In order that more than one
DNIC may be connected to the same DV and
CD ports an F0o signal is generated which signals
the next device in a daisy chain that its channel
times are now active.
In this arrangement only
the first DNIC in the chain receives the system F0
with the following devices receiving its predecessor’s
F0o.
In MOD mode, all the ports have a different format.
The line port again operates at 80 or 160 kbit/s,
however, there is no synchronization overhead, only
transparent data. The DV and CD ports carry serial
data at 80 or 160 kbit/s with the DV port transferring
all the data for the line and the CD port carrying the
C-channel only. In this mode the transfer of data at
both ports is synchronized to the TCK and RCK
clocks for transmit and receive data, respectively.
The CLD signal goes low to indicate the start of the
C-channel data on the CD port. It is used to load and
latch the input and output C-channel but has no
relationship to the data on the DV port.
Operating Modes (MS0-2)
The logic levels present on the mode select pins
MS0, MS1 and MS2 program the DNIC for different
operating modes and configure the DV and CD ports
accordingly.
Table
1
shows
the
modes
corresponding to the state of MS0-2.
These pins
select the DNIC to operate as a MASTER or SLAVE,
in DUAL or SINGLE port operation, in MODEM or
DIGITAL NETWORK mode and the order of the C
and D channels on the CD port. Table 2 provides a
description of each mode and Table 3 gives a pin
configuration according to the mode selected for all
pins that have variable functions.
These functions
vary depending on whether it is in MAS or SLV, and
whether DN or MOD mode is used.
The overall mode of operation of the DNIC can be
programmed
to be
either
a
baseband
modem
(MOD mode)
or a digital network transceiver (DN
mode).
As a baseband modem, transmit/receive
data is passed transparently through the device at 80
or 160 kbit/s by the DV port. The CD port transfers
the C-channel and D-Channel also at
80 or 160
kbit/s.
In DN mode, both the DV and CD ports operate as
ST-BUS streams at 2.048 Mbit/s.
The DV port
transfers data over pins DSTi and DSTo while on the
Table 1. Mode Select Pins
E=Enabled
X=Not Applicable
Blanks are disabled
Mode Select Pins
Mode
Operating Mode
MS2
MS1
MS0
SLV
MAS
DUAL
SINGL
MOD
DN
D-C
C-D
ODE
00
0
0
E
E
E
E
E
00
1
1
E
E
E
X
X
E
01
0
2
E
E
E
E
E
01
1
3
E
E
E
E
E
10
0
4
E
E
E
E
E
10
1
5
E
E
E
X
X
E
11
0
6
E
E
E
E
E
11
1
7
E
E
E
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com