Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8972BE Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # MT8972BE
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8972BE Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button MT8972BE Datasheet HTML 12Page - Mitel Networks Corporation MT8972BE Datasheet HTML 13Page - Mitel Networks Corporation MT8972BE Datasheet HTML 14Page - Mitel Networks Corporation MT8972BE Datasheet HTML 15Page - Mitel Networks Corporation MT8972BE Datasheet HTML 16Page - Mitel Networks Corporation MT8972BE Datasheet HTML 17Page - Mitel Networks Corporation MT8972BE Datasheet HTML 18Page - Mitel Networks Corporation MT8972BE Datasheet HTML 19Page - Mitel Networks Corporation MT8972BE Datasheet HTML 20Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MT8971B/72B
9-124
† Timing is over recommended temperature & power supply voltage ranges.
* Typical figures are at 25°C, for design aid only: not guaranteed and not subject to production testing.
Figure 19 - Data Timing For DN Mode
† Timing is over recommended temperature & power supply voltage ranges.
* Typical figures are at 25°C, for design aid only: not guaranteed and not subject to production testing.
Note 1: Attenuation measured from Master LOUT to Slave LIN at 3/4baud frequency.
* Typical figures are at 25°C, for design aid only: not guaranteed and not subject to production testing.
AC Electrical Characteristics† - Data Timing - DN Mode (Figure 19)
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
DSTi/CDSTi Data Setup Time
tRS
30
ns
2
DSTi/CDSTi Data Hold Time
tRH
50
ns
3a
DSTo/CDSTo Data Delay
tTD
120
ns
CL=40pF
3b
DSTo/CDSTo High Z to Data Delay
tZTD
100
140
ns
CL=40pF
AC Electrical Characteristics† - Data Timing - MOD Mode (Figure 20)
Characteristics
Sym
80 kbit/s
160 kbit/s
Units
Test
Conditions
Min
Typ*
Max Min
Typ*
Max
1
Di/CDi Data Setup Time
tDS
150
150
ns
2
Di/CDi Data Hold Time
tDH
4.5
2.5
µs
3
Do Data Delay Time
tRD
100
100
ns
CL=40pF
4
CDo Data Delay Time
tTD
100
100
ns
CL=40pF
Performance Characteristics of the MT8971B DSIC
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
Allowable Attenuation for Bit Error
Rate of 10-6 (Note 1)
Afb
030
25
dB
SNR
≥16.5dB
(300kHz
bandlimited noise)
2
Line Length at 80 kbit/s
-24 AWG
-26 AWG
L80
3.0
2.2
km
attenuation -
6.9 dB/km
attenuation - 10.0 dB/km
3
Line Length at 160 kbit/s -24 AWG
-26 AWG
L160
3.0
2.2
km
attenuation -
8.0 dB/km
attenuation - 11.5 dB/km
Performance Characteristics of the MT8972B DNIC
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
Allowable Attenuation for Bit Error
Rate of 10-6 (Note 1)
Afb
04033
dB
SNR
≥16.5dB
(300kHz
bandlimited noise)
2
Line Length at 80 kbit/s
-24 AWG
-26 AWG
L80
5.0
3.4
km
attenuation -
6.9 dB/km
attenuation - 10.0 dB/km
3
Line Length at 160 kbit/s -24 AWG
-26 AWG
L160
4.0
3.0
km
attenuation -
8.0 dB/km
attenuation - 11.5 dB/km
2.0V
0.8V
2.4V
0.4V
2.0V
0.8V
Bit
Stream
C4
DSTi
CDSTi
DSTo
CDSTo
Bit Cell
tTD
tRS
tRH
tTD
tZTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com